Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 9 of 24
–30
10
0
5
–5
–10
–15
–20
–25
PIN (dBm)
10
0.001
0.01
0.1
1
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 9. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 40 GHz
–30
15
10
0
5
–5
–10
–15
–20
–25
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
10
0.001
0.01
0.1
1
Figure 10. Differential VENV± Output Voltage vs. PIN for Various
Temperatures at 43.5 GHz
10
0.001
0.01
0.1
1
–30
15
10
0
5
–5
–10
–15
–20
–25
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 11. Differential VENV± Output Voltage vs. PIN for Various
Temperatures at 52 GHz
1
0.001
0.01
0.1
–20
10
0
5
–5
–10
–15
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 12. Differential VENV± Output Voltage vs. PIN for Various
Temperatures at 60 GHz
1
0.001
0.01
0.1
–20
10
0
5
–5
–10
–15
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 13. Differential VENV± Output Voltage vs. PIN for Various
Temperatures at 67 GHz
4.0
0
0.5
2.5
1.0
3.0
1.5
2.0
3.5
3
–3
–2
2
–1
0
1
0
2.0
1.4
1.8
1.0
0.6
1.2
1.6
0.8
0.4
0.2
VPEAK (V)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 14. Differential VENV± Output Voltage and Error vs. VPEAK for Various
Temperatures at 2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com