Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 23Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 21 of 24
ENABLE INTERFACE
ENBL (Pin 1) provides the ability to enable or disable the
device to conserve power. Connect ENBL to VPOS or above
1.5 V to enable the device. Connect ENBL to ground or below
0.5 V to disable the device. Do not exceed VPOS by 0.3 V or
below ground by more than 0.3 V. Leaving the ENBL pin open
turns off the device.
Faster turn on time can be achieved using a smaller capacitor
value on the VOCM pin. The capacitor must be large enough to
minimize the common-mode noise.
DECOUPLING INTERFACE
DCPL (Pin 10) is connected to the internal bias node. DCPL
provides the stable output common-mode voltage. Connect a
0.1 µF capacitor from the DCPL pin to ground for the best
common-mode noise performance.
PCB LAYOUT RECOMMENDATIONS
Parasitic elements of the PCB, such as coupling and radiation,
limit accuracy at very high frequencies. Ensure low loss power
transmission from the connector to the internal circuit of the
ADL6012. Microstrip and CPWG are popular forms of trans-
mission lines because of their ease of fabrication and low cost
(see Figure 65 and Figure 66). In the ADL6012 evaluation
board (ADL6012-EVALZ), a grounded CPWG (GCPWG)
minimizes radiation effects and provides the maximum band-
width by using two rows of grounding vias on both sides of the
signal trace.
15mils
RO4003
VIA
VIA
5mils
8mils
5mils
Figure 65. CPWG Interface Design to RFIN for RO4003 Material (Not to Scale)
Figure 66 shows the CPWG structure of the PCB layout.
Microwave material RO4003 with 8 mil thickness is used in the
ADL6012-EVALZ between the RF signal and ground layer.
VIA
VIA
RFCM
RFCM
RFIN
Figure 66. Suggested RF Input Layout
SYSTEM CALIBRATION AND MEASUREMENT
ERROR
To achieve the highest detection accuracy, perform calibration
at the board level because output voltages vary from device to
device. Each device can be calibrated with two or more points
in the linear region of the transfer function by applying CW
input at different levels. The slope and intercept can be
calculated as described in this section. Linear regression over
the calibration range is recommended for best accuracy.
Board level calibration is a simple method to improve the
accuracy of the envelope detection. With a minimum of two
point or more calibration, the entire detection range of the
device can be calibrated to the highest accuracy possible.
The measured ADL6012 transfer function at 18 GHz is shown
in Figure 67 and the envelope output and linearity conformance
error vs. the input peak voltage at various temperatures from
−40°C to +125°C. Error over temperature is relative to the
room 25°C curve.
4.0
0
0.5
2.5
1.0
3.0
1.5
2.0
3.5
3
–3
–2
2
–1
0
1
0
2.0
1.4
1.8
1.0
0.6
1.2
1.6
0.8
0.4
0.2
VPEAK (V)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 67. Differential VENV± Output Voltage and Error vs. Input Peak
Voltage at 18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com