Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 28 of 39
Addr Name
Bits Bit Name
Description
Reset Access
0x02E TX_STATES_43_44
[7:4] TX_STATE_43
Mode Select for Transmit Sequencer State 43
0x0
R/W
[3:0] TX_STATE_44
Mode Select for Transmit Sequencer State 44
0x0
R/W
0x02F TX_STATES_45_46
[7:4] TX_STATE_45
Mode Select for Transmit Sequencer State 45
0x0
R/W
[3:0] TX_STATE_46
Mode Select for Transmit Sequencer State 46
0x0
R/W
0x030 TX_STATES_47_48
[7:4] TX_STATE_47
Mode Select for Transmit Sequencer State 47
0x0
R/W
[3:0] TX_STATE_48
Mode Select for Transmit Sequencer State 48
0x0
R/W
0x031 TX_STATES_49_50
[7:4] TX_STATE_49
Mode Select for Transmit Sequencer State 49
0x0
R/W
[3:0] TX_STATE_50
Mode Select for Transmit Sequencer State 50
0x0
R/W
0x032 TX_STATES_51_52
[7:4] TX_STATE_51
Mode Select for Transmit Sequencer State 51
0x0
R/W
[3:0] TX_STATE_52
Mode Select for Transmit Sequencer State 52
0x0
R/W
0x033 TX_STATES_53_54
[7:4] TX_STATE_53
Mode Select for Transmit Sequencer State 53
0x0
R/W
[3:0] TX_STATE_54
Mode Select for Transmit Sequencer State 54
0x0
R/W
0x034 TX_STATES_55_56
[7:4] TX_STATE_55
Mode Select for Transmit Sequencer State 55
0x0
R/W
[3:0] TX_STATE_56
Mode Select for Transmit Sequencer State 56
0x0
R/W
0x035 TX_STATES_57_58
[7:4] TX_STATE_57
Mode Select for Transmit Sequencer State 57
0x0
R/W
[3:0] TX_STATE_58
Mode Select for Transmit Sequencer State 58
0x0
R/W
0x036 TX_STATES_59_60
[7:4] TX_STATE_59
Mode Select for Transmit Sequencer State 59
0x0
R/W
[3:0] TX_STATE_60
Mode Select for Transmit Sequencer State 60
0x0
R/W
0x037 TX_STATES_61_62
[7:4] TX_STATE_61
Mode Select for Transmit Sequencer State 61
0x0
R/W
[3:0] TX_STATE_62
Mode Select for Transmit Sequencer State 62
0x0
R/W
0x038 TX_STATES_63_64
[7:4] TX_STATE_63
Mode Select for Transmit Sequencer State 63
0x0
R/W
[3:0] TX_STATE_64
Mode Select for Transmit Sequencer State 64
0x0
R/W
0x039 TX_STATES_65_66
[7:4] TX_STATE_65
Mode Select for Transmit Sequencer State 65
0x0
R/W
[3:0] TX_STATE_66
Mode Select for Transmit Sequencer State 66
0x0
R/W
0x03A TX_STATES_67_68
[7:4] TX_STATE_67
Mode Select for Transmit Sequencer State 67
0x0
R/W
[3:0] TX_STATE_68
Mode Select for Transmit Sequencer State 68
0x0
R/W
0x03B TX_STATES_69_70
[7:4] TX_STATE_69
Mode Select for Transmit Sequencer State 69
0x0
R/W
[3:0] TX_STATE_70
Mode Select for Transmit Sequencer State 70
0x0
R/W
0x03C MULT_STATES_1_2
[7:4] MULT_STATE_1
Mode Select for Multiplier Sequencer State 1
0x0
R/W
[3:0] MULT_STATE_2
Mode Select for Multiplier Sequencer State 2
0x0
R/W
0x03D MULT_STATES_3_4
[7:4] MULT_STATE_3
Mode Select for Multiplier Sequencer State 3
0x0
R/W
[3:0] MULT_STATE_4
Mode Select for Multiplier Sequencer State 4
0x0
R/W
0x03E MULT_STATES_5_6
[7:4] MULT_STATE_5
Mode Select for Multiplier Sequencer State 5
0x0
R/W
[3:0] MULT_STATE_6
Mode Select for Multiplier Sequencer State 6
0x0
R/W
0x03F MULT_STATES_7_8
[7:4] MULT_STATE_7
Mode Select for Multiplier Sequencer State 7
0x0
R/W
[3:0] MULT_STATE_8
Mode Select for Multiplier Sequencer State 8
0x0
R/W
0x040 MULT_STATES_9_10
[7:4] MULT_STATE_9
Mode Select for Multiplier Sequencer State 9
0x0
R/W
[3:0] MULT_STATE_10
Mode Select for Multiplier Sequencer State 10
0x0
R/W
0x041 MULT_STATES_11_12
[7:4] MULT_STATE_11
Mode Select for Multiplier Sequencer State 11
0x0
R/W
[3:0] MULT_STATE_12
Mode Select for Multiplier Sequencer State 12
0x0
R/W
0x042 MULT_STATES_13_14
[7:4] MULT_STATE_13
Mode Select for Multiplier Sequencer State 13
0x0
R/W
[3:0] MULT_STATE_14
Mode Select for Multiplier Sequencer State 14
0x0
R/W
0x043 MULT_STATES_15_16
[7:4] MULT_STATE_15
Mode Select for Multiplier Sequencer State 15
0x0
R/W
[3:0] MULT_STATE_16
Mode Select for Multiplier Sequencer State 16
0x0
R/W
0x044 SEQUENCER_CTRL_SPI
[7:4] RESERVED
Reserved
0x0
R
3
MULT_RST_SPI
Resets Multiplier Sequencer
0x0
R/W
2
MULT_ADV_SPI
Advances Multiplier Sequencer State
0x0
R/W
1
TX_RST_SPI
Resets Transmit Sequencer
0x0
R/W
0
TX_ADV_SPI
Advances Transmit Sequencer State
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com