Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 12 of 39
5
–5
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
–4
–3
–2
–1
0
1
2
3
4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
Figure 25. Amplitude Imbalance vs. RF Output Frequency
25
–25
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
–20
–15
–10
–5
0
5
10
15
20
Figure 26. Phase Imbalance vs. RF Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com