Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 36 of 39
Addr Name
Bits Bit Name
Description
Reset Access
0x07B MULT_PASS_MODE_5
7
BPF_MD5
Multiplier Mode 5 BPF Select
0x1
R/W
6
PA_NOTCH_MD5
Multiplier Mode 5 Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_MD5
Multiplier Mode 5 Attenuator Setting
0x1F R/W
0x07C MULT_EN_MODE_6
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD6
Multiplier Mode 6 RF Amplifier Enable
0x1
R/W
5
MULT_LOW_RDY_MD6
Multiplier Mode 6 Low Band Ready Enable
0x1
R/W
4
MULT_LOW_ACT_MD6
Multiplier Mode 6 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD6
Multiplier Mode 6 Mid Band Ready Enable
0x1
R/W
2
MULT_MID_ACT_MD6
Multiplier Mode 6 Mid Band Active Enable
0x1
R/W
1
MULT_HIGH_RDY_MD6
Multiplier Mode 6 High Band Ready Enable
0x1
R/W
0
MULT_HIGH_ACT_MD6
Multiplier Mode 6 High Band Active Enable
0x0
R/W
0x07D MULT_PASS_MODE_6
7
BPF_MD6
Multiplier Mode 6 BPF Select
0x0
R/W
6
PA_NOTCH_MD6
Multiplier Mode 6 Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_MD6
Multiplier Mode 6 Attenuator Setting
0x1F R/W
0x07E MULT_EN_MODE_7
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD7
Multiplier Mode 7 RF Amplifier Enable
0x1
R/W
5
MULT_LOW_RDY_MD7
Multiplier Mode 7 Low Band Ready Enable
0x1
R/W
4
MULT_LOW_ACT_MD7
Multiplier Mode 7 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD7
Multiplier Mode 7 Mid Band Ready Enable
0x1
R/W
2
MULT_MID_ACT_MD7
Multiplier Mode 7 Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_MD7
Multiplier Mode 7 High Band Ready Enable
0x1
R/W
0
MULT_HIGH_ACT_MD7
Multiplier Mode 7 High Band Active Enable
0x1
R/W
0x07F MULT_PASS_MODE_7
7
BPF_MD7
Multiplier Mode 7 BPF Select
0x1
R/W
6
PA_NOTCH_MD7
Multiplier Mode 7 Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_MD7
Multiplier Mode 7 Attenuator Setting
0x1F R/W
0x080 MULT_EN_MODE_8
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD8
Multiplier Mode 8 RF Amplifier Enable
0x1
R/W
5
MULT_LOW_RDY_MD8
Multiplier Mode 8 Low Band Ready Enable
0x1
R/W
4
MULT_LOW_ACT_MD8
Multiplier Mode 8 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD8
Multiplier Mode 8 Mid Band Ready Enable
0x1
R/W
2
MULT_MID_ACT_MD8
Multiplier Mode 8 Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_MD8
Multiplier Mode 8 High Band Ready Enable
0x1
R/W
0
MULT_HIGH_ACT_MD8
Multiplier Mode 8 High Band Active Enable
0x1
R/W
0x081 MULT_PASS_MODE_8
7
BPF_MD8
Multiplier Mode 8 BPF Select
0x0
R/W
6
PA_NOTCH_MD8
Multiplier Mode 8 Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_MD8
Multiplier Mode 8 Attenuator Setting
0x1F R/W
0x082 MULT_EN_MODE_9
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_MD9
Multiplier Mode 9 RF Amplifier Enable
0x0
R/W
5
MULT_LOW_RDY_MD9
Multiplier Mode 9 Low Band Ready Enable
0x0
R/W
4
MULT_LOW_ACT_MD9
Multiplier Mode 9 Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_MD9
Multiplier Mode 9 Mid Band Ready Enable
0x0
R/W
2
MULT_MID_ACT_MD9
Multiplier Mode 9 Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_MD9
Multiplier Mode 9 High Band Ready Enable
0x0
R/W
0
MULT_HIGH_ACT_MD9
Multiplier Mode 9 High Band Active Enable
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com