Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 29 of 39
Addr Name
Bits Bit Name
Description
Reset Access
0x045 TX_EN1_SPI
7
CH1_RDY_SPI
SPI Mode Channel 1 Ready Enable
0x0
R/W
6
CH1_ACT_SPI
SPI Mode Channel 1 Active Enable
0x0
R/W
5
CH2_RDY_SPI
SPI Mode Channel 2 Ready Enable
0x0
R/W
4
CH2_ACT_SPI
SPI Mode Channel 2 Active Enable
0x0
R/W
3
CH3_RDY_SPI
SPI Mode Channel 3 Ready Enable
0x0
R/W
2
CH3_ACT_SPI
SPI Mode Channel 3 Active Enable
0x0
R/W
1
CH4_RDY_SPI
SPI Mode Channel 4 Ready Enable
0x0
R/W
0
CH4_ACT_SPI
SPI Mode Channel 4 Active Enable
0x0
R/W
0x046 TX_EN2_SPI
[7:3] RESERVED
Reserved
0x0
R
2
SPLT1_EN_SPI
SPI Mode Active Splitter1 Enable
0x0
R/W
1
SPLT12_EN_SPI
SPI Mode Channel 1 to Channel 2 Active Splitter
Enable
0x0
R/W
0
SPLT34_EN_SPI
SPI Mode Channel 3 to Channel 4 Active Splitter
Enable
0x0
R/W
0x047 MULT_EN_SPI
7
RESERVED
Reserved
0x0
R
6
RFAMP_EN_SPI
SPI Mode RF Amplifier Enable
0x0
R/W
5
MULT_LOW_RDY_SPI
SPI Mode Low Band Ready Enable
0x0
R/W
4
MULT_LOW_ACT_SPI
SPI Mode Low Band Active Enable
0x0
R/W
3
MULT_MID_RDY_SPI
SPI Mode Mid Band Ready Enable
0x0
R/W
2
MULT_MID_ACT_SPI
SPI Mode Mid Band Active Enable
0x0
R/W
1
MULT_HIGH_RDY_SPI
SPI Mode High Band Ready Enable
0x0
R/W
0
MULT_HIGH_ACT_SPI
SPI Mode High Band Active Enable
0x0
R/W
0x048 MULT_PASS_SPI
7
BPF_SPI
SPI Mode BPF Select
0x0
R/W
6
PA_NOTCH_SPI
SPI Mode Notch Filter Select
0x0
R/W
5
RESERVED
Reserved
0x0
R
[4:0] ATTN_SPI
SPI Mode Attenuator Setting
0x0
R/W
0x049 DET_ENABLES
[7:4] RESERVED
Reserved
0x0
R
3
CH4_DET_EN
Enables Channel 4 Power Detector
0x0
R/W
2
CH3_DET_EN
Enables Channel 3 Power Detector
0x0
R/W
1
CH2_DET_EN
Enables Channel 2 Power Detector
0x0
R/W
0
CH1_DET_EN
Enables Channel 1 Power Detector
0x0
R/W
0x04A ADC_CTRL
7
ADC_CLKFREQ_SEL
ADC Clock Frequency Selection
0x0
R/W
6
ADC_EN
Turns on Comparator and Resets State Machine
0x0
R/W
5
CLK_EN
Turns on Clock Oscillator
0x0
R/W
4
ST_CONV
Pulse Triggers Conversion Cycle
0x0
R/W
[3:1] MUX_SEL
ADC Input Signal Select
0x0
R/W
0
ADC_EOC
ADC End of Conversion Signal
0x0
R
0x04B ADC_OUTPUT
[7:0] ADC
ADC Output Word
0x0
R
0x04C TX_CURR_MODE
[7:4] RESERVED
Reserved
0x0
R
[3:0] TX_CURR_MODE
Read Back Current Transmit Mode
0x0
R
0x04D TX_CURR_STATE
7
RESERVED
Reserved
0x0
R
[6:0] TX_CURR_STATE
Read Back Current Transmit Sequencer Count
0x0
R
0x04E MULT_STATUS
[7:4] MULT_CURR_STATE
Read Back Current Multiplier Sequencer Count
0x0
R
[3:0] MULT_CURR_MODE
Read Back Current Multiplier Mode
0x0
R
0x04F REV_ID
[7:0] REV_ID
Chip Revision ID
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com