Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADAR2001ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 4 of 39
Parameter
Test Conditions/Comments
Min
Typ Max Unit
Switching Time
Multiplier Band Sleep to Active
50
ns
Multiplier Band Switch
Using ready mode
10
ns
PA Sleep to Active
50
ns
Channel to Channel Switch
Using ready mode, first channel off to second channel on
2
ns
DIGITAL INPUT LOGIC LEVELS
Logic Low
0
0.3
V
Logic High
1
1.8
V
DIGITAL OUTPUT LOGIC LEVELS
Logic Low
0
0.4
V
Logic High
1.4
1.8
V
VREG OUTPUT
1.8
V
POWER SUPPLY
Analog
Supply Voltage Range (VPOS1, VPOS3, VPOS4, VPOS5)
2.25 2.5
2.75
V
Current Consumption
One channel active
180
mA
Chip disabled
10
mA
Power Consumption
One channel active
450
mW
Chip disabled
25
mW
Digital
Supply Voltage Range (VPOS2)
1.6
1.8
2
V
Current Consumption
Chip enabled
25
µA
Power Consumption
Chip enabled
45
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com