Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 19 of 39
SINGLE FREQUENCY CHANNEL SWEEP
Figure 30 shows how the transmitter state machine can be used
to cycle through the four PAs on a single ADAR2001 while at a
fixed frequency. In this example, the defined state machine
depth, TX_STATES (Register 0x017, Bits[6:0]), is 5 because
there are 6 states inside the loop, and TX_STATES is 0 indexed.
As shown in Figure 30,
•
Transmit State 0 = sleep (outside the loop)
•
Transmit State 1 = Channel 1 PA ready
•
Transmit State 2 = transmit on Channel 1, Channel 2 PA
ready
•
Transmit State 3 = transmit on Channel 2, Channel 3 PA
ready
•
Transmit State 4 = transmit on Channel 3, Channel 4 PA
ready
•
Transmit State 5 = transmit on Channel 4
The initial state is the sleep state, where power consumption is
at a minimum. This state is reached by pulsing the TxRST pin.
A pulse on TxADV then advances the state machine to the first
state inside the loop, which is defined as a ready state, where
Channel 1 is partially powered but not active. The splitters
feeding Channel 1 are active to speed up the switching speed of
the next state. An additional pulse on TxADV then makes this
subcircuit path fully active. Continuing to make use of the
ready mode for the upcoming state throughout the sweep, the
PA switching and settling time can be minimized for all states.
After the appropriate number of pulses are applied to TxADV
(6, in this case), the state machine automatically returns to the
first state in the loop (ready).
MULT: ALL SLEEP
BPF: N/A
PA: ALL SLEEP
SLEEP
MULT_STATE_0
TX_STATE_0
MULT: LOW RDY
BPF: N/A
PA: CH. 1 RDY
CHANNEL 1
READY
MULT_STATE_1
TX_STATE_1
MULT: LOW ACT
BPF: LOW
PA: CH. 1 ACT
CHANNEL 1
10GHz TO 12GHz
MULT_STATE_2
TX_STATE_2
MULT: LOW ACT
BPF: LOW
PA: CH. 2 ACT
CHANNEL 2
10GHz TO 12GHz
MULT_STATE_2
TX_STATE_3
MULT: LOW ACT
BPF: LOW
PA: CH. 3 ACT
CHANNEL 3
10GHz TO 12GHz
MULT_STATE_2
TX_STATE_4
MULT: LOW ACT
BPF: LOW
PA: CH. 4 ACT
CHANNEL 4
10GHz TO 12GHz
MULT_STATE_2
TX_STATE_5
MULTIPLIER
RESET
TRANSMITTER
RESET
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
TRANSMITTER
ADVANCE
TRANSMITTER
ADVANCE
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
TRANSMITTER
ADVANCE
Figure 30. State Machine Loop Example for a Channel Sweep with a Fixed Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com