Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 10 of 39
20
–5
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
0
5
10
15
2.75V
2.50V
2.25V
Figure 13. RF Output Power vs. RF Output Frequency and Supply Voltage,
RF Input Power = −20 dBm
0
–10
–20
–30
–40
–50
–60
–70
–80
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
RF INPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 14. Second RF Input Harmonic Rejection vs. RF Input Frequency and
Temperature
0
–10
–20
–30
–40
–50
–60
–70
–80
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
RF INPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 15. Third RF Input Harmonic Rejection vs. RF Input Frequency and
Temperature
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
10
11
12
13
14
15
16
17
18
19
20
RF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 16. Second RF Output Harmonic Rejection vs. RF Output Frequency
and Temperature
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF OUTPUT FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 17. Third RF Output Harmonic Rejection vs. RF Output Frequency and
Temperature
0.10
0.08
–0.12
–2
12
TIME (ns)
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
2
4
6
8
10
2.0
–0.2
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
CHANNEL 1
MADV
Figure 18. 25 GHz RF Frequency Band Switching with MADV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com