Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 15 of 39
ADC AND ADC CLOCK
The ADAR2001 has an on-chip, 8-bit ADC and a variable clock
input, each with their own enable control bits.
To take a measurement from the ADC, the user must first write
to the ADC_CTRL register, Register 0x04A. This register
contains the following bits:
•
Bit 0: ADC_EOC (read only). This bit is a flag for when the
ADC conversion is done.
•
Bit 1 to Bit 3: MUX_SEL (read/write). These bits are used
to select the ADC input, according to Figure 27.
•
Bit 4: ST_CONV (read/write). This bit is set to start an
ADC conversion cycle.
•
Bit 5: CLK_EN (read/write). This bit enables the ADC
clock.
•
Bit 6: ADC_EN (read/write). This bit enables the ADC.
•
Bit 7: ADC_CLKFREQ_SEL (read/write). This bit sets the
clock frequency. A low sets the clock to 2 MHz, whereas a
high sets the clock to 250 kHz.
After the ADC_CTRL register is written, it must be polled to
wait for the ADC_EOC bit to go high. When this happens, the
measured value can be read out from the ADC_OUTPUT
register, Register 0x04B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com