Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 9 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
300
0
10
40
RF OUTPUT FREQUENCY (GHz)
50
100
150
200
250
12 14 16 18 20 22 24 26 28 30 32 34 36 38
+85°C
+25°C
–40°C
Figure 7. Supply Current (ICC) vs. RF Output Frequency and Temperature,
Supply Voltage = 2.5 V
700
0
100
200
300
400
500
600
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
+85°C
+25°C
–40°C
Figure 8. Power Consumption vs. RF Output Frequency and Temperature,
Supply Voltage = 2.5 V
30
–15
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
+85°C
+25°C
–40°C
–5
0
5
10
15
Figure 9. RF Output Power vs. RF Output Frequency and Temperature,
RF Input Power = −20 dBm, Supply Voltage = 2.5 V
200
145
2.25
2.50
2.75
SUPPLY VOLTAGE (V dc)
+85°C
+25°C
–40°C
150
155
160
165
170
175
180
185
190
195
Figure 10. ICC vs. Supply Voltage and Temperature
550
300
350
400
450
500
2.25
2.50
2.75
SUPPLY VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 11. DC Power Consumption vs. Supply Voltage and Temperature
20
–5
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
0
5
10
15
–10dBm
–15dBm
–20dBm
–25dBm
Figure 12. RF Output Power vs. RF Output Frequency and RF Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com