Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAR2001ACCZ-R7
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAR2001ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2001ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 11 of 39
0.3
–0.3
–20
80
TIME (ns)
–0.2
–0.1
0
0.1
0.2
–10
0
10
20
30
40
50
60
70
2.2
–0.2
1.8
1.4
1.0
0.6
0.2
2.0
1.6
1.2
0.8
0.4
0
CHANNEL 1
TxADV
Figure 19. RF Output Sleep to Active Switching Time
–0.5
–2
TIME (ns)
–0.3
–0.1
0
0.1
0.3
0.5
10
8
6
4
2
0
2.0
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
CHANNEL 1
CHANNEL 2
TxADV
Figure 20. Channel to Channel Switching Time
5
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
10
40
RF OUTPUT FREQUENCY (GHz)
12 14 16 18 20 22 24 26 28 30 32 34 36 38
CHANNEL 1 ACTIVE (REFERENCE)
CHANNEL 2 READY
CHANNEL 3 READY
CHANNEL 4 READY
CHANNEL 2 DISABLED
CHANNEL 3 DISABLED
CHANNEL 4 DISABLED
Figure 21. Channel to Channel Isolation vs. RF Output Frequency,
RF Input = −20 dBm
0
–40
RF INPUT FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
HIGH BAND
MID BAND
LOW BAND
DISABLED
Figure 22. RF Input Return Loss
10
–30
5
45
RF OUTPUT FREQUENCY (GHz)
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
NOTCH FILTER ON
NOTCH FILTER OFF
DISABLED
Figure 23. RF Output Return Loss
170
0
–40
25
85
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Figure 24. ADC Code vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com