Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 122 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 122 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 118Page - Actel Corporation AGLP060 Datasheet HTML 119Page - Actel Corporation AGLP060 Datasheet HTML 120Page - Actel Corporation AGLP060 Datasheet HTML 121Page - Actel Corporation AGLP060 Datasheet HTML 122Page - Actel Corporation AGLP060 Datasheet HTML 123Page - Actel Corporation AGLP060 Datasheet HTML 124Page - Actel Corporation AGLP060 Datasheet HTML 125Page - Actel Corporation AGLP060 Datasheet HTML 126Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
Datasheet Information
4- 2
R ev isio n 1 1
Revision 11 (continued) The values in the following tables were updated. 3.3 V LVCMOS and 1.2 V
LVCMOS wide range were added to the tables where applicable.
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings
Table 2-14 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings1
Table 2-21 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions—Software Default Settings
Table 2-22 • Summary of Maximum and Minimum DC Input Levels
Table 2-23 • Summary of AC Measuring Points
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.425 V, Worst-Case VCCI = 3.0 V
Table 2-26 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.14 V, Worst-Case VCCI = 3.0 V
Table 2-28 • I/O Output Buffer Maximum Resistances 1
2-9
2-9
2-19
2-20
2-21
2-22
2-23
2-24
A table note was added to Table 2-16 • Different Components Contributing to the
Static Power Consumption in IGLOO PLUS Devices and Table 2-18 • Different
Components Contributing to the Static Power Consumption in IGLOO PLUS
Devices stating the value for PDC4 is the minimum contribution of the PLL when
operating at lowest frequency.
2-11,
2-12
Table 2-29 • I/O Weak Pull-Up/Pull-Down Resistances was revised, including
addition of 3.3 V and 1.2 V LVCMOS wide range. The notes defining RWEAK PULL-
UP-MAX and RWEAK PULLDOWN-MAX were revised (SAR 21348).
2-25
Table 2-30 • I/O Short Currents IOSH/IOSL was revised to include data for 3.3 V
and 1.2 V LVCMOS wide range (SAR 79353 and SAR 79366).
2-25
Table 2-31 • Duration of Short Circuit Event before Failure was revised to change
the maximum temperature from 110°C to 100°C, with an example of six months
instead of three months (SAR 26259).
2-26
The tables in the "Single-Ended I/O Characteristics" section were updated. Notes
clarifying IIL and IIH were added.
Tables for 3.3 V LVCMOS and 1.2 V LVCMOS wide range were added (SAR
79370,
SAR 79353, and SAR 79366).
Notes in the wide range tables state that the minimum drive strength for any
LVCMOS 3.3 V (or LVCMOS 1.2 V) software configuration when run in wide
range is ±100 µA. Drive strength displayed in the software is supported for
normal range only. For a detailed I/V curve, refer to the IBIS models (SAR
25700).
2-27
The following sentence was deleted from the "2.5 V LVCMOS" section: It uses a
5 V–tolerant input buffer and push-pull output buffer (SAR 24916).
2-32
The tables in the "Input Register" section, "Output Register" section, and "Output
Enable Register" section were updated. The tables in the
"VersaTile
Characteristics" section were updated.
2-45
through
2-56
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com