Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 124 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 124 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 120Page - Actel Corporation AGLP060 Datasheet HTML 121Page - Actel Corporation AGLP060 Datasheet HTML 122Page - Actel Corporation AGLP060 Datasheet HTML 123Page - Actel Corporation AGLP060 Datasheet HTML 124Page - Actel Corporation AGLP060 Datasheet HTML 125Page - Actel Corporation AGLP060 Datasheet HTML 126Page - Actel Corporation AGLP060 Datasheet HTML 127Page - Actel Corporation AGLP060 Datasheet HTML 128Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
Datasheet Information
4- 4
R ev isio n 1 1
Revision 4 (Jul 2008)
Product Brief v1.1
DC and Switching
Characteristics
Advance v0.3
As a result of the Libero IDE v8.4 release, Actel now offers a wide range of core
voltage support. The document was updated to change 1.2 V / 1.5 V to 1.2 V to
1.5 V.
N/A
Revision 3 (Jun 2008)
DC and Switching
Characteristics
Advance v0.2
Tables have been updated to reflect default values in the software. The default
I/O capacitance is 5 pF. Tables have been updated to include the LVCMOS 1.2 V
I/O set.
N/A
Table note 3 was updated in Table 2-2 • Recommended Operating Conditions1,2
to add the sentence, "VCCI should be at the same voltage within a given I/O
bank." References to table notes 5, 6, 7, and 8 were added. Reference to table
note 3 was removed from VPUMP Operation and placed next to VCC.
2-2
Table 2-4 • Overshoot and Undershoot Limits 1 was revised to remove "as
measured on quiet I/Os" from the title. Table note 2 was revised to remove
"estimated SSO density over cycles." Table note 3 was deleted.
2-3
The table note for Table 2-9 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Flash*Freeze Mode* to remove the sentence stating that values do
not include I/O static contribution.
2-7
The table note for Table 2-10 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Sleep Mode* was updated to remove VJTAG and VCCI and the
statement that values do not include I/O static contribution.
2-7
The table note for Table 2-11 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Shutdown Mode was updated to remove the statement that values
do not include I/O static contribution.
2-8
Note 2 of Table 2-12 • Quiescent Supply Current (IDD), No IGLOO PLUS
Flash*Freeze Mode 1 was updated to include VCCPLL. Table note 4 was deleted.
2-8
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings and Table 2-14 • Summary of I/O Output Buffer Power (per pin) – Default
I/O Software Settings1 were updated to remove static power. The table notes
were updated to reflect that power was measured on VCCI. Table note 2 was
added to Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O
Software Settings.
2-9, 2-9
Table 2-16 • Different Components Contributing to the Static Power Consumption
in IGLOO PLUS Devices and Table 2-18 • Different Components Contributing to
the Static Power Consumption in IGLOO PLUS Devices were updated to change
the definition for PDC5 from bank static power to bank quiescent power. Table
subtitles were added for Table 2-16 • Different Components Contributing to the
Static Power Consumption in IGLOO PLUS Devices, Table 2-17 • Different
Components Contributing to Dynamic Power Consumption in IGLOO PLUS
Devices, and Table 2-18 • Different Components Contributing to the Static Power
Consumption in IGLOO PLUS Devices.
2-11,
2-12
The "Total Static Power Consumption—PSTAT" section was revised.
2-12
Table 2-32 • Schmitt Trigger Input Hysteresis is new.
2-26
Packaging v1.3
The "281-Pin CSP" package drawing is new.
3-13
The "281-Pin CSP" table for the AGLP125 device is new.
3-13
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com