Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 46 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 42Page - STMicroelectronics BLUENRG-LP Datasheet HTML 43Page - STMicroelectronics BLUENRG-LP Datasheet HTML 44Page - STMicroelectronics BLUENRG-LP Datasheet HTML 45Page - STMicroelectronics BLUENRG-LP Datasheet HTML 46Page - STMicroelectronics BLUENRG-LP Datasheet HTML 47Page - STMicroelectronics BLUENRG-LP Datasheet HTML 48Page - STMicroelectronics BLUENRG-LP Datasheet HTML 49Page - STMicroelectronics BLUENRG-LP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Symbol
Parameter
Conditions
Typ.
Unit
25 °C
85 °C
105 °C
IDD(DEEPSTOP)
Supply current in DEEPSTOP(1)
Timer source LSE
RTC ON
µA
1.06
7.31
16.45
Timer source LSE
IWDG ON
1.02
7.22
16.30
Timer source LSE
RTC and IWDG ON
1.07
7.36
16.54
IDD(SHUTDOWN)
Supply current in SHUTDOWN
0.02
0.46
1.36
IDD(RST)
Current under reset condition
1.34
1.45
1.55
mA
1. The current consumption in DEEPSTOP is measured considering the entire SRAM retained.
5.3.8
Wake-up time from low power modes
The wake-up times reported are the latency between the event and the execution of the instruction. The device
goes to low-power mode after WFI (wait for interrupt) instructions.
Table 25. Low power mode wake-up timing
Symbol
Parameter
Conditions
Typ. Unit
TWUDEEPSTOP
Wake-up time from DEEPSTOP mode to RUN
mode
Wake-up from GPIO VDD = 3.3 V Flash memory 110
µs
5.3.9
High speed crystal requirements
The high speed external oscillator must be supplied with an external 32 MHz crystal that is specified for a 6 to 8
pF loading capacitor. The BlueNRG-LP includes internal programmable capacitances that can be used to tune the
crystal frequency in order to compensate the PCB parasitic one. These internal load capacitors are made by a
fixed one, in parallel with a 6-bit binary weighted capacitor bank. Thanks to low CL step size (LSB is typically 0.07
pF), very fine crystal tuning is possible. With a typical XTAL sensitivity of -14 ppm/pF, it is possible to trim a 32
MHz crystal, with a resolution of 1 ppm.
The requirements for the external 32 MHz crystal are reported in the table below.
Table 26. HSE crystal requirements
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
fNOM
Oscillator frequency
32
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability over temperature,
aging and frequency pulling due to incorrect load
capacitance
±50
ppm
ESR
Equivalent series resistance
100
Ω
PD
Drive level
100
µW
CL
HSE crystal load capacitance
27 °C, typical corner
GMCONF = 3
5 (1)
7(2) 9.2(3)
pF
CLstep
HSE crystal load capacitance LSB
value
27 °C,
GMCONF = 3
XOTUNE code between 32 and 33
0.07
pF
1. XOTUNE programed at minimum code = 0
2. XOTUNE programed at center code = 32
3. XOTUNE programed at maximum code = 63
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 46/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com