Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 51 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 47Page - STMicroelectronics BLUENRG-LP Datasheet HTML 48Page - STMicroelectronics BLUENRG-LP Datasheet HTML 49Page - STMicroelectronics BLUENRG-LP Datasheet HTML 50Page - STMicroelectronics BLUENRG-LP Datasheet HTML 51Page - STMicroelectronics BLUENRG-LP Datasheet HTML 52Page - STMicroelectronics BLUENRG-LP Datasheet HTML 53Page - STMicroelectronics BLUENRG-LP Datasheet HTML 54Page - STMicroelectronics BLUENRG-LP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Units
INL
Integral non-linearity
±1
LSB
SNR Diff
Signal to noise ratio
Differential input
@1 kHz, -1 dBFs
72
dB
STHD Diff
Signal to THD ratio (10
harmonics)
Differential input
@1 kHz, -1 dBFs
80
dB
ENOB Diff
Effective number of bits
Differential input
@1 kHz, -1 dBFs
11.5
bits
SNR SE
Signal-to-noise ratio
Single ended
@1 kHz, -1 dBFs
70
dB
STHD SE
Signal-to THD ratio (10
harmonics)
Single ended
@1 kHz, -1 dBFs
75
dB
ENOB SE
Effective number of bits
Single ended
@1 kHz, -1 dBFs
11
bits
ADC_ERR_1V7
Absolute error when used for battery
measurements at 1.7 V, 2.4 V, 3.0 V, 3.6
V
13
mV
ADC_ERR_2V4
0
ADC_ERR_3V0
-9
ADC_ERR_3V6
-22
5.3.19
Temperature sensor characteristics
Table 38. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TrERR
Error in temperature
±4
°C
TSLOPE
Average temperature coefficient
8
LSB/°C
TICC
Current consumption
415
µA
TTS-OUT
Output code at 30 °C (+/-5 °C)
2533
LSB
5.3.20
Timer characteristics
The characteristics below are guaranteed by design.
Table 39. TIM1 characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tres(TIM)
Timer resolution time
fTIMxCLK = 64 MHz
15.625
ns
ResTIM
Timer resolution
16
bit
tCOUNTER
16-bit counter clock period
fTIMxCLK = 64 MHz
0.015625
1024
μs
tMAX_COUNT
Maximum possible count time
fTIMxCLK= 64
67.10
s
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 51/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com