Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-LP Datasheet HTML 1Page - STMicroelectronics BLUENRG-LP Datasheet HTML 2Page - STMicroelectronics BLUENRG-LP Datasheet HTML 3Page - STMicroelectronics BLUENRG-LP Datasheet HTML 4Page - STMicroelectronics BLUENRG-LP Datasheet HTML 5Page - STMicroelectronics BLUENRG-LP Datasheet HTML 6Page - STMicroelectronics BLUENRG-LP Datasheet HTML 7Page - STMicroelectronics BLUENRG-LP Datasheet HTML 8Page - STMicroelectronics BLUENRG-LP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Features
Bluetooth Low Energy system-on-chip supporting Bluetooth 5.2 specifications
2 Mbps data rate
Long range (Coded PHY)
Advertising extensions
Channel selection algorithm #2
GATT caching
Radio
RX sensitivity level: -97 dBm @ 1 Mbps, -104 dBm @ 125 kbps (long
range)
Programmable output power up to +8 dBm (at antenna connector)
Data rate supported: 2 Mbps, 1 Mbps, 500 kbps and 125 kbps
128 physical connections
Integrated balun
Support for external PA
BlueNRG core coprocessor (DMA based) for Bluetooth Low Energy timing
critical operation
2.4 GHz proprietary radio driver
Suitable for systems requiring compliance with the following radio
frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part 15,
ARIB STD-T66
Ultra-low power radio performance
10 nA in SHUTDOWN mode (1.8 V)
0.6 uA in DEEPSTOP mode (with external LSE and BLE wake-up sources,
1.8 V)
0.9 uA in DEEPSTOP mode (with internal LSI and BLE wake-up sources,
1.8 V)
4.3 mA peak current in TX (@ 0 dBm, 3.3 V)
3.4 mA peak current in RX (@ sensitivity level, 3.3V)
High performance and ultra-low power Cortex-M0+ 32-bit, running up to 64 MHz
Dynamic current consumption: 18 µA/MHz
Operating supply voltage: from 1.7 to 3.6 V
-40 ºC to 105 ºC temperature range
Supply and reset management
High efficiency embedded SMPS step-down converter with intelligent
bypass mode
Ultra-low power power-on-reset (POR) and power-down-reset (PDR)
Programmable voltage detector (PVD)
Clock sources
Fail safe 32 MHz crystal oscillator with integrated trimming capacitors
32 kHz crystal oscillator
Internal low-power 32 kHz RO
On-chip non-volatile Flash memory of 256 kB
On-chip RAM of 64 kB or 32 kB
Product status link
BlueNRG-LP
Product summary
Order code
BlueNRG-3x5yz
Programmable Bluetooth® Low Energy wireless SoC
BlueNRG-LP
Datasheet
DS13282 - Rev 2 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BLUENRG-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results

Similar Description - BLUENRG-LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
Single-Chip Bluetooth Low Energy-Only SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com