Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 2 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 2 Page - STMicroelectronics

  BLUENRG-LP Datasheet HTML 1Page - STMicroelectronics BLUENRG-LP Datasheet HTML 2Page - STMicroelectronics BLUENRG-LP Datasheet HTML 3Page - STMicroelectronics BLUENRG-LP Datasheet HTML 4Page - STMicroelectronics BLUENRG-LP Datasheet HTML 5Page - STMicroelectronics BLUENRG-LP Datasheet HTML 6Page - STMicroelectronics BLUENRG-LP Datasheet HTML 7Page - STMicroelectronics BLUENRG-LP Datasheet HTML 8Page - STMicroelectronics BLUENRG-LP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
One-time-programmable (OTP) memory area of 1 kB
Embedded UART bootloader
Ultra-low power modes with or without timer and RAM retention
Quadrature decoder
Enhanced security mechanisms such as:
Flash read/write protection
SWD disabling
Secure bootloader
Security features
True random number generator (RNG)
Hardware encryption AES maximum 128-bit security co-processor
HW public key accelerator (PKA)
CRC calculation unit
48-bit unique ID
System peripherals
1x DMA controller with 8 channels supporting ADC, SPI, I2C, USART and
LPUART
1x SPI
2x SPI/I2S
2x I2C (SMBus/PMBus)
1x PDM (digital microphone interface)
1x LPUART
1x USART (ISO 7816 smartcard mode, IrDA, SPI Master and Modbus)
1x independent WDG
1x real time clock (RTC)
1x independent SysTick
1x 16-bit, 6 channel advanced timer
Up to 32 fast I/Os
28 of them with wake-up capability
31 of them 5 V tolerant
Analog peripherals
12-bit ADC with 8 input channels, up to 16 bits with a decimation filter
Battery monitoring
Analog watchdog
Analog Mic I/F with PGA
Development support
Serial wire debug (SWD)
4 breakpoints and 2 watchpoints
All packages are ECOPACK2 compliant
Applications
Industrial
Home and industrial automation
Smart lighting
Fitness,wellness and sports
Healthcare, consumer medical
Security/proximity
Remote control
Assisted living
BlueNRG-LP
DS13282 - Rev 2
page 2/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com