Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 53 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 49Page - STMicroelectronics BLUENRG-LP Datasheet HTML 50Page - STMicroelectronics BLUENRG-LP Datasheet HTML 51Page - STMicroelectronics BLUENRG-LP Datasheet HTML 52Page - STMicroelectronics BLUENRG-LP Datasheet HTML 53Page - STMicroelectronics BLUENRG-LP Datasheet HTML 54Page - STMicroelectronics BLUENRG-LP Datasheet HTML 55Page - STMicroelectronics BLUENRG-LP Datasheet HTML 56Page - STMicroelectronics BLUENRG-LP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
5.3.21
I2C interface characteristics
The I2C interface meets the timing requirements of the I2C-Bus specifications and user manual rev. 03 for:
Standard-mode (Sm): bit rate up to 100 kbit/s
Fast-mode (Fm): bit rate up to 400 kbit/s
Fast-mode plus (Fm+): bit rate up to 1 Mbit/s
SDA and SCL I/O requirements are met with the following restrictions: SDA and SCL I/O pins are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is disabled, but is still
present. The 20 mA output drive requirement in fast-mode plus is supported partially.
This limits the maximum load Cload supported in fast-mode plus, given by these formulas:
tr(SDA/SCL) = 0.8473 x Rp x Cload
Rp(min.) = [VDD - VOL(max)] / IOL(max)
where Rp is the I2C lines pull-up.
All I2C SDA and SCL I/Os embed an analog filter.
The characteristics below are guaranteed by design.
Table 41. I2C analog filter characteristics
Symbol
Parameter
Min.
Max.
Unit
tAF
Maximum pulse width of spikes that are suppressed by the analog filter
50
110
ns
5.3.22
SPI characteristics
The parameters for SPI are derived from tests performed according to fPCLKx frequency and supply voltage
conditions.
Output speed is set to OSPEEDRy[1:0] = 11
Capacitive load C = 30 pF
Measurement points are done at CMOS levels: 0.5 x VDD
The characteristics below are guaranteed by design.
Table 42. SPI characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fSCK
SPI clock frequency
Master mode
-
32
MHz
Slave mode
32(1)
tsu(NSS)
NSS setup time
4 / fPCLK
-
-
-
th(NSS)
NSS hold time
2 / fPCLK
-
-
-
tw(SCKH)
SCK high and low time
Master mode
1 / fPCLK - 1.5
1 / fPCLK
1 / fPCLK+1
ns
tw(SCKL)
1 / fPCLK- 1.5
1 / fPCLK
1 / fPCLK+1
tsu(MI)
Data input set-up time
Master mode
1
-
-
tsu(SI)
Data input set-up time
Slave mode
1
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Data input hold time
Slave mode
1
-
-
ta(SO)
Data output access time
Slave mode
5
-
40
tdis(SO)
Data output disable time
Slave mode
5
-
38
tv(MO)
Data output valid time
Master mode
-
2
8
tv(SO)
Slave mode
-
12
39
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 53/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com