Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 17 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 13Page - STMicroelectronics BLUENRG-LP Datasheet HTML 14Page - STMicroelectronics BLUENRG-LP Datasheet HTML 15Page - STMicroelectronics BLUENRG-LP Datasheet HTML 16Page - STMicroelectronics BLUENRG-LP Datasheet HTML 17Page - STMicroelectronics BLUENRG-LP Datasheet HTML 18Page - STMicroelectronics BLUENRG-LP Datasheet HTML 19Page - STMicroelectronics BLUENRG-LP Datasheet HTML 20Page - STMicroelectronics BLUENRG-LP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Priorities among requests from channels of DMA are software programmable (four levels consisting of very
high, high, medium, low) or hardware in case of equality (request 1 has priority over request 2, and so on)
Independent source and destination transfer size (byte, half word, word), emulating packing and unpacking.
Source/destination addresses must be aligned on the data size
Support for circular buffer management
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error) logically ORed
together in a single interrupt request for each channel
Memory-to-memory transfer (RAM only)
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral transfers
Access to SRAMs and APB1 peripherals as source and destination
Programmable number of data to be transferred: up to 65536
1.14
Nested vectored interrupt controller (NVIC)
The interrupts are handled by the Cortex®-M0+ nested vector interrupt controller (NVIC). NVIC controls specific
Cortex®-M0+ interrupts as well as the BlueNRG-LP peripheral interrupts.
The NVIC benefits are the following:
Nested vectored interrupt controller that is an integral part of the ARM® Cortex®-M0+
Tightly coupled interrupt controller provides low interrupt latency
Control system exceptions and peripheral interrupts
NVIC supports 32 vectored interrupts
Four programmable interrupt priority levels with hardware priority level masking
Software interrupt generation using the ARM® exceptions SVCall and PendSV
Support for NMI
ARM® Cortex® M0+ vector table offset register VTOR implemented
NVIC hardware block provides flexible interrupt management features with minimal interrupt latency.
1.15
Analog digital converter (ADC)
The BlueNRG-LP embeds a 12-bit ADC. The ADC consists of a 12-bit successive approximation analog-to-digital
converter (SAR) with 2 x 8 multiplexed channels allowing measurements of up to eight external sources and up to
two internal sources.
It embeds a PDM interface integrating a digital filter for processing PDM stream coming from a digital microphone.
It also embeds a dedicated ECM microphone feature with which it is possible to connect an analog microphone
directly to the ADC port of the BlueNRG-LP.
The ADC main features are:
Conversion frequency is up to 1 Msps
Three input voltage ranges are supported (0 - 1.2 V, 0 - 2.4 V, 0 - 3.6 V)
Up to eight analog single-ended channels or four analog differential inputs or a mix of both
One analog microphone supported through two GPIOs configured in analog mode (an input for the analog
microphone and a Vbias output for the analog microphone)
Temperature sensor conversion
Battery level conversion up to 3.6 V
Continuous or single acquisition
Digital decimation filter to process a digital audio PDM stream provided by 2 GPIOs and for ADC post-
processing, especially for analog audio stream
Five modes of conversion are possible:
ADC continuous or single mode
Analog continuous audio mode
Occasional conversions
Digital continuous audio mode
Full mode
BlueNRG-LP
Nested vectored interrupt controller (NVIC)
DS13282 - Rev 2
page 17/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com