Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 11 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 7Page - STMicroelectronics BLUENRG-LP Datasheet HTML 8Page - STMicroelectronics BLUENRG-LP Datasheet HTML 9Page - STMicroelectronics BLUENRG-LP Datasheet HTML 10Page - STMicroelectronics BLUENRG-LP Datasheet HTML 11Page - STMicroelectronics BLUENRG-LP Datasheet HTML 12Page - STMicroelectronics BLUENRG-LP Datasheet HTML 13Page - STMicroelectronics BLUENRG-LP Datasheet HTML 14Page - STMicroelectronics BLUENRG-LP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
1.6.2
Power supply schemes
The BlueNRG-LP embeds three power domains:
•
VDD33 (VDDIO or VDD):
–
the voltage range is between 1.7 V and 3.6 V
–
it supplies a part of the I/O ring, the embedded regulators and the system analog IPs as power
management block and embedded oscillators
•
VDD12o:
–
always-on digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is supplied at 1.0 V during low power mode (DEEPSTOP)
•
VDD12i:
–
interruptible digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is shut down during low power mode (DEEPSTOP)
Figure 5. Power supply domain overview
SMPS
MLDO
LP-Reg
CPU
RF_FSM
BLE
Peripherals
RCCi
Interruptible domain
(VDD12I)
HSI
BLE_wakeup,
RTC, WDOG,
PWRCo,
RCCo
AlwaysOn
Domain
(VDD12O)
HSE, LSI, LSE
PDR, POR, PVD
PWRC33,
RCC33
V33 Domain
(VDDIO)
VDDIO
CMDNO
CMDNI
VREG PAD
VFBSD
VGATEN
VGATEP
VDD12O
VDD12I
RFLDOs
Analo
g
RF
VRF
1.6.3
Linear voltage regulators
The digital power supplies are provided by different regulators:
•
The main LDO (MLDO):
–
it provides 1.2 V from a 1.4-3.3 V input voltage
–
it supplies both VDD12i and VDD12o when the device is active
–
it is disabled during the low power mode (DEEPSTOP)
•
Low power LDO (LPREG):
–
it stays enabled during both active and low power phases
–
it provides 1.0 V voltage
–
it is not connected to the digital domain when the device is active
–
it is connected to the VDD12o domain during low power mode (DEEPSTOP)
•
A dedicated LDO (RFLDO) to provide a 1.2 V to the analog RF block
An embedded SMPS step-down converter is available (inserted between the external power and the LDOs).
BlueNRG-LP
Power supply management
DS13282 - Rev 2
page 11/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com