Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 60 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 56Page - STMicroelectronics BLUENRG-LP Datasheet HTML 57Page - STMicroelectronics BLUENRG-LP Datasheet HTML 58Page - STMicroelectronics BLUENRG-LP Datasheet HTML 59Page - STMicroelectronics BLUENRG-LP Datasheet HTML 60Page - STMicroelectronics BLUENRG-LP Datasheet HTML 61Page - STMicroelectronics BLUENRG-LP Datasheet HTML 62Page - STMicroelectronics BLUENRG-LP Datasheet HTML 63Page - STMicroelectronics BLUENRG-LP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Table 45. QFN32 (5x5x0.9, pitch 0.5 mm) package information mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0
0.05
A3
0.20
b
0.20
0.25
0.30
D
4.90
5.00
5.10
D2
3.60
3.70
3.80
c
0.50 BSC
E
4.90
5.00
5.10
E2
3.60
3.70
3.80
L
0.30
0.40
0.50
Note:
D and E, package outline exclusive of any mold flashes dimensions and metal burrs.
Table 46. Tolerance of form and position
Symbol
Databook
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
Figure 24. Detail A
BlueNRG-LP
QFN32 (5x5x0.9, pitch 0.5 mm) package information
DS13282 - Rev 2
page 60/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com