Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 26 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 22Page - STMicroelectronics BLUENRG-LP Datasheet HTML 23Page - STMicroelectronics BLUENRG-LP Datasheet HTML 24Page - STMicroelectronics BLUENRG-LP Datasheet HTML 25Page - STMicroelectronics BLUENRG-LP Datasheet HTML 26Page - STMicroelectronics BLUENRG-LP Datasheet HTML 27Page - STMicroelectronics BLUENRG-LP Datasheet HTML 28Page - STMicroelectronics BLUENRG-LP Datasheet HTML 29Page - STMicroelectronics BLUENRG-LP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Pin number
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
QFN48
QFN32
WLCSP49
27
18
F2
PB15
I/O
FT
I2C1_SMBA,
TX_SEQUENCE, MCO,
TIM1_CH4N, TIM1_CH6,
USART_TX
-
28
19
E2
PB14
I/O
FT_a
SPI1_MOSI, I2C2_SDA,
TIM1_ETR, TIM1_CH3N,
TIM1_CH5, USART_RX
VIN_PVD
29
20
D2
PB13
I/O
FT
SPI1_MISO, I2C2_SCL,
PDM_CLK, TIM1_BKIN2,
TIM1_CH4
SXTAL1
30
21
C2
PB12
I/O
FT
SPI1_SCK, LCO,
PDM_DATA, TIM1_BKIN,
TIM1_CH3
SXTAL0
31
27
D1
VCAP
S
-
-
1.2 Vdigital core
32
22
C1
VFBSD
S
-
-
SMPS output
33
NC
S
-
-
-
34
23
B1
VSSSD
S
-
-
SMPS Ground
35
24
A2
VLXSD
S
-
-
SMPS input/output
36
25
A1
VDDSD
S
-
-
1.7-3.6 battery voltage
input
37
-
A4
VDD3
S
-
-
1.7-3.6 battery voltage
input
38
26
A5
RSTN
I/O
RST
-
Reset pin
39
32
-
VDD1
S
-
-
1.7-3.6 battery voltage
input
40
-
A6
VDDA
S
-
-
1.2 V analog ADC core
41
-
-
PB11
I/O
FT
SPI1_SCK, SPI2_NSS,
I2C1_SCL, TIM1_CH1,
TIM1_CH4N, I2S2_WS
Wakeup
42
-
-
PB10
I/O
FT
SPI1_NSS, SPI2_SCK,
I2C1_SDA, TIM1_CH2,
TIM1_CH3N, I2S2_SCK
Wakeup
43
-
C3
PB9
I/O
FT
USART_TX,
LPUART_CTS, SPI2_MCK,
TIM1_CH1N, TIM1_CH2N,
I2S2_MCK
Wakeup
44
-
D4
PB8
I/O
FT
USART_CK, LPUART_RX,
TIM1_CH4, TIM1_CH1N
Wakeup
45
28
B2
PB7
I/O
FT_f
I2C2_SDA, SPI2_SCK,
LPUART_RX, TIM1_CH2,
I2S2_SCK
Wakeup
46
29
B3
PB6
I/O
FT_f
I2C2_SCL, SPI2_NSS,
LPUART_TX, TIM1_CH1,
I2S2_WS
Wakeup
47
30
B4
PB5
I/O
TT
LPUART_RX, SPI2_MOSI,
PDM_CLK, I2S2_SD
PGA_VBIAS_MIC(1),
wakeup
48
31
B5
PB4
I/O
FT
LPUART_TX, SPI2_MISO,
PDM_DATA, I2S2_MISO
PGA_VIN, wakeup
-
-
A7
VSSA
S
-
-
Ground analog ADC
core
BlueNRG-LP
Pinouts and pin description
DS13282 - Rev 2
page 26/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com