Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LP Datasheet(PDF) 57 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 57 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 53Page - STMicroelectronics BLUENRG-LP Datasheet HTML 54Page - STMicroelectronics BLUENRG-LP Datasheet HTML 55Page - STMicroelectronics BLUENRG-LP Datasheet HTML 56Page - STMicroelectronics BLUENRG-LP Datasheet HTML 57Page - STMicroelectronics BLUENRG-LP Datasheet HTML 58Page - STMicroelectronics BLUENRG-LP Datasheet HTML 59Page - STMicroelectronics BLUENRG-LP Datasheet HTML 60Page - STMicroelectronics BLUENRG-LP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Table 43. QFN48 (6x6x0.9, pitch 0.4 mm) mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.0
0.05
A3
0.20 Ref
b
0.17
0.20
0.25
D
5.95
6.00
6.05
D2
4.40
4.50
4.60
e
0.40 BSC
E
5.95
6.00
6.05
E2
4.40
4.50
4.60
L
0.30
0.40
0.50
K
0.50
Table 44. Tolerance of form and position
Symbol
Databook
aaa
0.10
bbb
0.10
ccc
0.008
ddd
0.10
Figure 21. QFN48 (6x6x0.9, pitch 0.4 mm) detail A package information
BlueNRG-LP
QFN48 (6x6x0.9, pitch 0.4 mm) package information
DS13282 - Rev 2
page 57/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com