Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 4 Page - Texas Instruments

  AM6421 Datasheet HTML 1Page - Texas Instruments AM6421 Datasheet HTML 2Page - Texas Instruments AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 237 page
background image
2 Applications
• Programmable Logic Controller (PLC)
• Motor Drives
• Remote I/O
• Industrial Robots
3 Description
AM64x is an extension of Sitara’s industrial-grade family of heterogeneous Arm processors. AM64x is built for
industrial applications, such as motor drives and Programmable Logic Controllers (PLCs), which require a
unique combination of real-time processing and communications with applications processing. AM64x combines
two instances of Sitara’s gigabit TSN-enabled PRU-ICSSG with up to two Arm Cortex-A53 cores, up to four
Cortex-R5F MCUs, and a Cortex-M4F MCU.
AM64x is architected to provide best-in-class real-time performance through the high-performance R5Fs, Tightly-
Coupled Memory banks, configurable SRAM partitioning, and dedicated low-latency paths to and from
peripherals for rapid data movement in and out of the SoC. This deterministic architecture allows for AM64x to
handle the tight control loops found in servo drives while the peripherals like FSI, GPMC, PWMs, sigma delta
decimation filters, and absolute encoder interfaces help enable a number of different architectures found in these
systems.
The Cortex-A53s provide the powerful computing elements necessary for Linux applications. Linux, and Real-
time (RT) Linux, is provided through TI’s Processor SDK Linux which stays updated to the latest Long Term
Support (LTS) Linux kernel, bootloader and Yocto file system on an annual basis. AM64x helps bridge the Linux
world with the real-time world by enabling isolation between Linux applications and real-time streams through
configurable memory partitioning. The Cortex-A53s can be assigned to work strictly out of DDR for Linux, and
the internal SRAM can be broken up into various sizes for the Cortex-R5Fs to use together or independently.
The PRU-ICSSG in AM64x provides the flexible industrial communications capability necessary to run gigabit
TSN, EtherCAT, PROFINET, EtherNet/IP, and various other protocols. In addition, the PRU-ICSSG also enables
additional interfaces in the SoC including sigma delta decimation filters and absolute encoder interfaces.
Functional safety features can be enabled through the integrated Cortex-M4F along with its dedicated
peripherals which can all be isolated from the rest of the SoC. AM64x also supports secure boot.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE
AM6442...ALV
(441-Pin) FCBGA
17.2 mm × 17.2 mm
AM6441...ALV
(441-Pin) FCBGA
17.2 mm × 17.2 mm
AM6421...ALV
(441-Pin) FCBGA
17.2 mm × 17.2 mm
AM6412...ALV
(441-Pin) FCBGA
17.2 mm × 17.2 mm
AM6411...ALV
(441-Pin) FCBGA
17.2 mm × 17.2 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information.
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com