Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 86Page - Texas Instruments AM6421 Datasheet HTML 87Page - Texas Instruments AM6421 Datasheet HTML 88Page - Texas Instruments AM6421 Datasheet HTML 89Page - Texas Instruments AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments AM6421 Datasheet HTML 93Page - Texas Instruments AM6421 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 237 page
background image
Table 6-75. VMON Signal Description (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
VMON_1P8_SOC
PWR
Voltage monitor for 1.8 V SoC power supply
E12
VMON_3P3_MCU
PWR
Voltage monitor for 3.3 V MCU power supply
F13
VMON_3P3_SOC
PWR
Voltage monitor for 3.3 V SoC power supply
F14
VMON_VSYS
PWR
Voltage Monitor, fixed 0.45 V (+/-3%) threshold. Use with
external precision voltage divider to monitor a higher
voltage rail such as the PMIC input supply.
K10
6.3.24 Power Supply
Table 6-76. Power Supply Signal Description
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
CAP_VDDS0(1)
CAP
External capacitor connection for IO group 0
H12
CAP_VDDS1(1)
CAP
External capacitor connection for IO group 1
T7
CAP_VDDS2(1)
CAP
External capacitor connection for IO group 2
R11
CAP_VDDS3(1)
CAP
External capacitor connection for IO group 3
N14
CAP_VDDS4(1)
CAP
External capacitor connection for IO group 4
M16
CAP_VDDS5(1)
CAP
External capacitor connection for IO group 5
L13
CAP_VDDSHV_MMC1(2)
CAP
External capacitor connection for MMC1
K15
CAP_VDDS_MCU(1)
CAP
External capacitor connection for IO MCU
H10
VDDA_0P85_SERDES0
PWR
SERDES0 0.85 V analog supply
P12, P13
VDDA_0P85_SERDES0_C
PWR
SERDES0 clock 0.85 V analog supply
P11
VDDA_0P85_USB0
PWR
USB0 0.85 V analog supply
T12
VDDA_1P8_SERDES0
PWR
SERDES0 1.8 V analog supply
R14
VDDA_1P8_USB0
PWR
USB0 1.8 V analog supply
R15
VDDA_3P3_SDIO
PWR
SDIO 3.3 V analog supply
H15
VDDA_3P3_USB0
PWR
USB0 3.3 V analog supply
R13
VDDA_ADC
PWR
ADC0 analog supply
J13
VDDA_MCU
PWR
POR and MCU PLL analog supply
K12
VDDA_PLL0
PWR
Main, PER1, and R5F PLL analog supply
N12
VDDA_PLL1
PWR
ARM and DDR PLL analog supply
H9
VDDA_PLL2
PWR
PER0 PLL analog supply
J11
VDDA_TEMP0
PWR
TEMP0 analog supply
G11
VDDA_TEMP1
PWR
TEMP1 analog supply
L11
VDDR_CORE
PWR
RAM supply
L10, M13
VDDSHV0
PWR
IO supply for IO group 0
F11, G12, G14
VDDSHV1
PWR
IO supply for IO group 1
M7, N6, P7
VDDSHV2
PWR
IO supply for IO group 2
R10, R8, T9
VDDSHV3
PWR
IO supply for IO group 3
P14, P15
VDDSHV4
PWR
IO supply for IO group 4
M14, M15
VDDSHV5
PWR
IO supply for IO group 5
L14, L15
VDDSHV_MCU
PWR
IO supply for IO MCU
F9, G10, G8
VDDS_DDR
PWR
DDR PHY IO supply
F7, G6, H7, J6, K7,
L6
VDDS_DDR_C
PWR
DDR clock IO supply
J8
VDDS_MMC0
PWR
MMC0 PHY IO supply
J15, K14
VDDS_OSC
PWR
MCU_OSC0 supply
H13
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
90
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com