Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 68Page - Texas Instruments AM6421 Datasheet HTML 69Page - Texas Instruments AM6421 Datasheet HTML 70Page - Texas Instruments AM6421 Datasheet HTML 71Page - Texas Instruments AM6421 Datasheet HTML 72Page - Texas Instruments AM6421 Datasheet HTML 73Page - Texas Instruments AM6421 Datasheet HTML 74Page - Texas Instruments AM6421 Datasheet HTML 75Page - Texas Instruments AM6421 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 237 page
background image
6.3.13 SERDES
6.3.13.1 MAIN Domain
Table 6-49. SERDES0 Signal Descriptions
SIGNAL NAME(1)
PIN TYPE
DESCRIPTION
ALV
PCIE0_CLKREQn
IO
PCIE Clock Request Signal
D16
SERDES0_REXT(2)
A
External Calibration Resistor
T13
SERDES0_REFCLK0N
IO
Serdes Reference Clock Input/Output (negative)
W16
SERDES0_REFCLK0P
IO
Serdes Reference Clock Input/Output (positive)
W17
SERDES0_RX0_N
I
SERDES Differential Receive Data (negative)
Y15
SERDES0_RX0_P
I
SERDES Differential Receive Data (positive)
Y16
SERDES0_TX0_N
O
SERDES Differential Transmit Data (negative)
AA16
SERDES0_TX0_P
O
SERDES Differential Transmit Data (positive)
AA17
(1)
The functionality of these pins is controlled by SERDES0_LN0_CTRL LANE_FUNC_SEL.
(2)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.14 USB
6.3.14.1 MAIN Domain
Table 6-50. USB0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
USB0_DM
IO
USB 2.0 Differential Data (negative)
AA20
USB0_DP
IO
USB 2.0 Differential Data (positive)
AA19
USB0_DRVVBUS
O
USB VBUS control output (active high)
E19
USB0_ID
A
USB 2.0 Dual-Role Device Role Select
U16
USB0_RCALIB(1)
IO
Pin to connect to calibration resistor
U17
USB0_VBUS(2)
A
USB Level-shifted VBUS Input
T14
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 9.3.3, USB
Design Guidelines.
6.3.15 OSPI
6.3.15.1 MAIN Domain
Table 6-51. OSPI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
OSPI0_CLK
O
OSPI Clock
N20
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
N19
OSPI0_ECC_FAIL
I
OSPI ECC Status
L17
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
N21
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
L19
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
L18
OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
K17
OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
L17
OSPI0_D0
IO
OSPI Data 0
M19
OSPI0_D1
IO
OSPI Data 1
M18
OSPI0_D2
IO
OSPI Data 2
M20
OSPI0_D3
IO
OSPI Data 3
M21
OSPI0_D4
IO
OSPI Data 2
P21
OSPI0_D5
IO
OSPI Data 2
P20
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com