Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 69Page - Texas Instruments AM6421 Datasheet HTML 70Page - Texas Instruments AM6421 Datasheet HTML 71Page - Texas Instruments AM6421 Datasheet HTML 72Page - Texas Instruments AM6421 Datasheet HTML 73Page - Texas Instruments AM6421 Datasheet HTML 74Page - Texas Instruments AM6421 Datasheet HTML 75Page - Texas Instruments AM6421 Datasheet HTML 76Page - Texas Instruments AM6421 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 237 page
background image
Table 6-51. OSPI0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
OSPI0_D6
IO
OSPI Data 2
N18
OSPI0_D7
IO
OSPI Data 2
M17
OSPI0_RESET_OUT0
O
OSPI Reset
L17
OSPI0_RESET_OUT1
O
OSPI Reset
K17
6.3.16 GPMC
6.3.16.1 MAIN Domain
Table 6-52. GPMC0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address Latch
Enable
P16
GPMC0_CLK
O
GPMC clock
R17
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
N17
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read Enable
(active low)
R18
GPMC0_WEn
O
GPMC Write Enable (active low)
T21
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
N16
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
U2, U7
GPMC0_A1
OZ
GPMC address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
AA2, V7
GPMC0_A2
OZ
GPMC address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
T2, W7
GPMC0_A3
OZ
GPMC address 3 Output in A/D non-multiplexed mode
and Address 19 in A/D multiplexed mode
V4, W11
GPMC0_A4
OZ
GPMC address 4 Output in A/D non-multiplexed mode
and Address 20 in A/D multiplexed mode
U4, V11
GPMC0_A5
OZ
GPMC address 5 Output in A/D non-multiplexed mode
and Address 21 in A/D multiplexed mode
AA12, V1
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed mode
and Address 22 in A/D multiplexed mode
W1, Y12
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed mode
and Address 23 in A/D multiplexed mode
W12, Y4
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed mode
and Address 24 in A/D multiplexed mode
AA13, T6
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed mode
and Address 25 in A/D multiplexed mode
U11, U6
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-multiplexed mode
and Address 26 in A/D multiplexed mode
U5, V15
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA4, U12
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P2, V14
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
P3, W14
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
AA10, AA3
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
R6, V10
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-multiplexed mode
and unused in A/D multiplexed mode
T5, U10
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com