Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 21Page - Texas Instruments AM6421 Datasheet HTML 22Page - Texas Instruments AM6421 Datasheet HTML 23Page - Texas Instruments AM6421 Datasheet HTML 24Page - Texas Instruments AM6421 Datasheet HTML 25Page - Texas Instruments AM6421 Datasheet HTML 26Page - Texas Instruments AM6421 Datasheet HTML 27Page - Texas Instruments AM6421 Datasheet HTML 28Page - Texas Instruments AM6421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
A20
MCU_SAFETY_ERRORn
MCU_SAFETY_ERRORn
0
IO
OFF
0
1.8 V
VDDS_OS
C
Yes
LVCMOS
PU/PD
1/0
E6
MCU_SPI0_CLK
MCU_SPI0_CLK
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_11
7
IO
pad
0/1
D7
MCU_SPI1_CLK
MCU_SPI1_CLK
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_7
7
IO
pad
0/1
D6
MCU_SPI0_CS0
MCU_SPI0_CS0
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_13
7
IO
pad
0/1
C6
MCU_SPI0_CS1
MCU_SPI0_CS1
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_OBSCLK0
1
O
0/1
MCU_SYSCLKOUT0
2
O
0/1
MCU_GPIO0_12
7
IO
pad
0/1
E7
MCU_SPI0_D0
MCU_SPI0_D0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_10
7
IO
pad
0/1
B6
MCU_SPI0_D1
MCU_SPI0_D1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_4
7
IO
pad
0/1
A7
MCU_SPI1_CS0
MCU_SPI1_CS0
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_5
7
IO
pad
0/1
B7
MCU_SPI1_CS1
MCU_SPI1_CS1
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_EXT_REFCLK0
1
I
0
0/1
MCU_GPIO0_6
7
IO
pad
0/1
C7
MCU_SPI1_D0
MCU_SPI1_D0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_8
7
IO
pad
0/1
C8
MCU_SPI1_D1
MCU_SPI1_D1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_9
7
IO
pad
0/1
D8
MCU_UART0_CTSn
MCU_UART0_CTSn
0
I
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_TIMER_IO0
1
IO
0
0/1
MCU_SPI0_CS2
2
IO
1
0/1
MCU_GPIO0_1
7
IO
pad
0/1
E8
MCU_UART0_RTSn
MCU_UART0_RTSn
0
O
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_TIMER_IO1
1
IO
0
0/1
MCU_SPI1_CS2
2
IO
1
0/1
MCU_GPIO0_0
7
IO
pad
0/1
A9
MCU_UART0_RXD
MCU_UART0_RXD
0
I
1
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_3
7
IO
pad
0/1
A8
MCU_UART0_TXD
MCU_UART0_TXD
0
O
OFF
7
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/1
MCU_GPIO0_2
7
IO
pad
0/1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com