Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments AM6421 Datasheet HTML 54Page - Texas Instruments AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 237 page
background image
6.3 Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
The following list describes the column headers:
1. SIGNAL NAME: The name of the signal passing through the pin.
Note
Signal names provided in each Signal Descriptions table, represent the pin layer multiplexed signal
function which is selected via the PADCONFIG registers. Device subsystems may provide an
additional layer of signal multiplexing, which means the signal names described in these tables
may have additional signal functions. For more information, see the respective peripheral chapter
of the device TRM.
2. DESCRIPTION: Description of the signal
3. PIN TYPE: Signal direction and type:
• I = Input
• O = Output
• IO = Input or Output
• IOD = Open drain terminal - Input or Output
• IOZ = Input, Output or Three-state terminal
• OZ = Output or Three-state terminal
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor
4. BALL: Associated balls bottom
For more information on the I/O cell configurations, see the Pad Configuration Registers section in Device
Configuration chapter of the device TRM.
6.3.1 ADC
Note
The ADC can be configured to operate as eight general-purpose digital inputs. For more information,
see Analog-to-Digital Converter (ADC) section in Peripherals chapter in the device TRM.
6.3.1.1 MAIN Domain
Table 6-2. ADC0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
ADC0_AIN0
A
ADC Analog Input 0
G20
ADC0_AIN1
A
ADC Analog Input 1
F20
ADC0_AIN2
A
ADC Analog Input 2
E21
ADC0_AIN3
A
ADC Analog Input 3
D20
ADC0_AIN4
A
ADC Analog Input 4
G21
ADC0_AIN5
A
ADC Analog Input 5
F21
ADC0_AIN6
A
ADC Analog Input 6
F19
ADC0_AIN7
A
ADC Analog Input 7
E20
ADC_EXT_TRIGGER0
I
ADC Trigger Input
B16, C13
ADC_EXT_TRIGGER1
I
ADC Trigger Input
D14, D16
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com