Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 23Page - Texas Instruments AM6421 Datasheet HTML 24Page - Texas Instruments AM6421 Datasheet HTML 25Page - Texas Instruments AM6421 Datasheet HTML 26Page - Texas Instruments AM6421 Datasheet HTML 27Page - Texas Instruments AM6421 Datasheet HTML 28Page - Texas Instruments AM6421 Datasheet HTML 29Page - Texas Instruments AM6421 Datasheet HTML 30Page - Texas Instruments AM6421 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
J19
MMC1_CMD
MMC1_CMD
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV5
Yes
SDIO
PU/PD
0/1
UART2_RTSn
1
O
0/1
TIMER_IO5
2
IO
0
0/1
UART4_TXD
3
O
0/1
GPIO1_76
7
IO
pad
0/1
D19
MMC1_SDCD
MMC1_SDCD
0
I
1
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
UART3_CTSn
1
I
1
0/1
TIMER_IO6
2
IO
0
0/1
UART5_RXD
3
I
1
0/1
GPIO1_77
7
IO
pad
0/1
C20
MMC1_SDWP
MMC1_SDWP
0
I
1
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
UART3_RTSn
1
O
0/1
TIMER_IO7
2
IO
0
0/1
UART5_TXD
3
O
0/1
GPIO1_78
7
IO
pad
0/1
K20
MMC0_DAT0
MMC0_DAT0
IO
1
1.8 V
VDDS_MM
C0,
VDD_MMC
0,
VDD_DLL_
MMC0
eMMCPHY PU/PD
J20
MMC0_DAT1
MMC0_DAT1
IO
1
1.8 V
VDDS_MM
C0,
VDD_MMC
0,
VDD_DLL_
MMC0
eMMCPHY PU/PD
J18
MMC0_DAT2
MMC0_DAT2
IO
1
1.8 V
VDDS_MM
C0,
VDD_MMC
0,
VDD_DLL_
MMC0
eMMCPHY PU/PD
J17
MMC0_DAT3
MMC0_DAT3
IO
1
1.8 V
VDDS_MM
C0,
VDD_MMC
0,
VDD_DLL_
MMC0
eMMCPHY PU/PD
H17
MMC0_DAT4
MMC0_DAT4
IO
1
1.8 V
VDDS_MM
C0,
VDD_MMC
0,
VDD_DLL_
MMC0
eMMCPHY PU/PD
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com