Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 237 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Table 5-1. Device Comparison
FEATURES(1)
REFERENCE
NAME
AM6442
AM6441
AM6421
AM6412
AM6411
Features
CTRLMMR_WKUP_JTAG_DEVICE_ID[31:13
] DEVICE_ID register bit field value(3)
D: 0x19464
E: 0x19465
F: 0x19466
D: 0x19264
E: 0x19265
F: 0x19266
D: 0x19224
E: 0x19225
F: 0x19226
C: 0x19403
C: 0x19203
PROCESSORS AND ACCELERATORS
Speed Grades
See Table 7-1
See Table 7-1
See Table 7-1
See Table 7-1
See Table 7-1
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Dual Core
Single Core
Single Core
Dual Core
Single Core
Arm Cortex-R5F
Arm R5F
2 × Dual Core
2 × Dual Core
1 × Dual Core
Single Core
Single Core
Arm Cortex-M4F
Arm M4F
Single Core
Single Core
Single Core
Single Core
Single Core
Device Management Security
Controller
DMSC-L
Yes
Yes
Yes
Yes
Yes
Cryto Accelerators
Security
Yes
Yes
Yes
Yes
Yes
MCU domain with Arm
Cortex-M4F
Safety
Yes
Yes
Yes
Yes
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory
(RAM) in MAIN Domain
OCSRAM
2MB
2MB
2MB
2MB
2MB
R5F Tightly Coupled Memory
(TCM)
TCM
256KB
256KB
256KB
128KB
128KB
On-Chip Shared Memory
(RAM) in M4F Domain
MCU_MSRA
M
256KB
256KB
256KB
256KB
256KB
DDR4/LPDDR4 DDR
Subsystem
DDRSS
Up to 2GB (16-
bit data) with
inline ECC
Up to 2GB (16-
bit data) with
inline ECC
Up to 2GB (16-
bit data) with
inline ECC
Up to 2GB (16-
bit data) with
inline ECC
Up to 2GB (16-
bit data) with
inline ECC
General-Purpose Memory
Controller
GPMC
Up to 1GB with
ECC
Up to 1GB with
ECC
Up to 1GB with
ECC
Up to 1GB with
ECC
Up to 1GB with
ECC
PERIPHERALS
Modular Controller Area
Network Interface
MCAN
2
2
2
2
2
Full CAN-FD Support
MCAN
Optional
Optional
Optional
No
No
General-Purpose I/O
GPIO
Up to 198
Up to 198
Up to 198
Up to 198
Up to 198
Inter-Integrated Circuit
Interface
I2C
4
4
4
4
4
Analog-to-Digital Converter
ADC
1
1
1
1
1
Multichannel Serial Peripheral
Interface
MCSPI
7
7
7
7
7
Multi-Media Card/ Secure
Digital Interface
MMCSD0
eMMC (8-bits)
eMMC (8-bits)
eMMC (8-bits)
eMMC (8-bits)
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits) SD/SDIO (4-bits) SD/SDIO (4-bits) SD/SDIO (4-bits) SD/SDIO (4-bits)
Fast Serial Interface
FSI_TX
2
2
2
2
2
FSI_RX
6
6
6
6
6
Flash Subsystem (FSS)
OSPI0/QSPI0
Yes(2)
Yes(2)
Yes(2)
Yes(2)
Yes(2)
PCI Express Port with
Integrated PHY
PCIE0
Single Lane
Single Lane
Single Lane
Single Lane
Single Lane
Programmable Real-Time Unit
Subsystem
PRU_ICSSG
2
2
2
2
2
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com