Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 48Page - Texas Instruments AM6421 Datasheet HTML 49Page - Texas Instruments AM6421 Datasheet HTML 50Page - Texas Instruments AM6421 Datasheet HTML 51Page - Texas Instruments AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments AM6421 Datasheet HTML 54Page - Texas Instruments AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
T14
USB0_VBUS
USB0_VBUS
A
1.8 V/3.3 V VDDA_3P3
_USB0,
VDDA_1P8
_USB0,
VDDA_0P8
5_USB0
USB2PHY
P12, P13
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0
PWR
P11
VDDA_0P85_SERDES0_C
VDDA_0P85_SERDES0_C
PWR
T12
VDDA_0P85_USB0
VDDA_0P85_USB0
PWR
R14
VDDA_1P8_SERDES0
VDDA_1P8_SERDES0
PWR
R15
VDDA_1P8_USB0
VDDA_1P8_USB0
PWR
H15
VDDA_3P3_SDIO
VDDA_3P3_SDIO
PWR
R13
VDDA_3P3_USB0
VDDA_3P3_USB0
PWR
J13
VDDA_ADC
VDDA_ADC
PWR
K12
VDDA_MCU
VDDA_MCU
PWR
N12
VDDA_PLL0
VDDA_PLL0
PWR
H9
VDDA_PLL1
VDDA_PLL1
PWR
J11
VDDA_PLL2
VDDA_PLL2
PWR
G11
VDDA_TEMP0
VDDA_TEMP0
PWR
L11
VDDA_TEMP1
VDDA_TEMP1
PWR
L10, M13
VDDR_CORE
VDDR_CORE
PWR
F11, G12, G14
VDDSHV0
VDDSHV0
PWR
M7, N6, P7
VDDSHV1
VDDSHV1
PWR
R10, R8, T9
VDDSHV2
VDDSHV2
PWR
P14, P15
VDDSHV3
VDDSHV3
PWR
M14, M15
VDDSHV4
VDDSHV4
PWR
L14, L15
VDDSHV5
VDDSHV5
PWR
F9, G10, G8
VDDSHV_MCU
VDDSHV_MCU
PWR
F7, G6, H7, J6,
K7, L6
VDDS_DDR
VDDS_DDR
PWR
J8
VDDS_DDR_C
VDDS_DDR_C
PWR
J15, K14
VDDS_MMC0
VDDS_MMC0
PWR
H13
VDDS_OSC
VDDS_OSC
PWR
J10, J12, K11, K9,
L12, L8, M11, M9,
N10, N8, P9
VDD_CORE
VDD_CORE
PWR
H14
VDD_DLL_MMC0
VDD_DLL_MMC0
PWR
K13
VDD_MMC0
VDD_MMC0
PWR
K16
VMON_1P8_MCU
VMON_1P8_MCU
PWR
E12
VMON_1P8_SOC
VMON_1P8_SOC
PWR
F13
VMON_3P3_MCU
VMON_3P3_MCU
PWR
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com