Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 85Page - Texas Instruments AM6421 Datasheet HTML 86Page - Texas Instruments AM6421 Datasheet HTML 87Page - Texas Instruments AM6421 Datasheet HTML 88Page - Texas Instruments AM6421 Datasheet HTML 89Page - Texas Instruments AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments AM6421 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 237 page
background image
6.3.23.2 Clock
6.3.23.2.1 MCU Domain
Table 6-72. MCU Clock Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCU_OSC0_XI
I
High frequency oscillator input
C21
MCU_OSC0_XO
O
High frequency oscillator output
B20
6.3.23.3 System
6.3.23.3.1 MAIN Domain
Table 6-73. System Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for clock
source to the external PHY and must be routed back to
the RMII_REF_CLK pin for proper device operation.
A19, U13
EXTINTn
I
External Interrupt
C19
EXT_REFCLK1
I
External clock input to Main Domain, routed to Timer
clock muxes as one of the selectable input clock sources
for Timer/WDT modules, or as reference clock to
MAIN_PLL2 (PER1 PLL)
A19
GPMC0_FCLK_MUX
O
GPMC functional clock output selected through a mux
logic
R17
OBSCLK0
O
Observation clock output for test and debug purposes
only
D17
PORz_OUT
O
Main Domain POR status output
E17
RESETSTATz
O
Main Domain warm reset status output
F16
RESET_REQz
I
Main Domain external warm reset request input
E18
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0
D18
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1
A19
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2
A17
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3
B17
SYSCLKOUT0
O
SYSCLK0 output from Main PLL controller (divided by 6)
for test and debug purposes only
C17
6.3.23.3.2 MCU Domain
Table 6-74. MCU System Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCU_EXT_REFCLK0
I
External system clock input
B7
MCU_OBSCLK0
O
Observation clock output for test and debug purposes
only
C6, E10
MCU_PORz
I
MCU Domain cold reset
B21
MCU_RESETSTATz
O
MCU Domain warm reset status output
B13
MCU_RESETz
I
MCU Domain warm reset
B12
MCU_SAFETY_ERRORn
IO
Error signal output from MCU Domain ESM
A20
MCU_SYSCLKOUT0
O
MCU Domain system clock output for test and debug
purposes only
C6
6.3.23.4 VMON
Table 6-75. VMON Signal Description
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
VMON_1P8_MCU
PWR
Voltage monitor for 1.8 V MCU power supply
K16
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com