Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 45Page - Texas Instruments AM6421 Datasheet HTML 46Page - Texas Instruments AM6421 Datasheet HTML 47Page - Texas Instruments AM6421 Datasheet HTML 48Page - Texas Instruments AM6421 Datasheet HTML 49Page - Texas Instruments AM6421 Datasheet HTML 50Page - Texas Instruments AM6421 Datasheet HTML 51Page - Texas Instruments AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
C13
SPI0_CS1
SPI0_CS1
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
CPTS0_TS_COMP
1
O
0/1
I2C2_SCL
2
IOD
1
0/1
TIMER_IO10
3
IO
0
0/1
PRG0_IEP0_EDIO_OUTVALID
4
O
0/1
UART6_RXD
5
I
1
0/1
ADC_EXT_TRIGGER0
6
I
0
0/1
GPIO1_43
7
IO
pad
0/1
A13
SPI0_D0
SPI0_D0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
GPIO1_45
7
IO
pad
0/1
A14
SPI0_D1
SPI0_D1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
GPIO1_46
7
IO
pad
0/1
B14
SPI1_CS0
SPI1_CS0
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
EHRPWM6_A
3
IO
0
0/1
GPIO1_47
7
IO
pad
0/1
D14
SPI1_CS1
SPI1_CS1
0
IO
1
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
CPTS0_TS_SYNC
1
O
0/1
I2C2_SDA
2
IOD
1
0/1
PRG1_IEP0_EDIO_OUTVALID
4
O
0/1
UART6_TXD
5
O
0/1
ADC_EXT_TRIGGER1
6
I
0
0/1
GPIO1_48
7
IO
pad
0/1
TIMER_IO11
8
IO
0
0/1
B15
SPI1_D0
SPI1_D0
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
EHRPWM6_SYNCO
3
O
0/1
GPIO1_50
7
IO
pad
0/1
A15
SPI1_D1
SPI1_D1
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS
PU/PD
0/1
EHRPWM6_B
3
IO
0
0/1
GPIO1_51
7
IO
pad
0/1
B11
TCK
TCK
0
I
0
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
1/1
C11
TDI
TDI
0
I
OFF
0
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
1/1
A12
TDO
TDO
0
OZ
OFF
0
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
0/0
C12
TMS
TMS
0
I
OFF
0
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
1/1
D11
TRSTn
TRSTn
0
I
0
1.8 V/3.3 V VDDSHV_
MCU
Yes
LVCMOS
PU/PD
1/1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com