Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 5 Page - STMicroelectronics

  STTS22H Datasheet HTML 1Page - STMicroelectronics STTS22H Datasheet HTML 2Page - STMicroelectronics STTS22H Datasheet HTML 3Page - STMicroelectronics STTS22H Datasheet HTML 4Page - STMicroelectronics STTS22H Datasheet HTML 5Page - STMicroelectronics STTS22H Datasheet HTML 6Page - STMicroelectronics STTS22H Datasheet HTML 7Page - STMicroelectronics STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
3
Sensor parameters and electrical specifications
Conditions at VDD = 2.5 V, T = 25 °C.
Table 3. Temperature sensor specifications
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Top
Operating temperature range
-40
125
°C
Tbit
Temperature output data
-
16
-
bit
Tn
Temperature noise
AVG [1:0] = 3
0.055
°C
RMS
AVG [1:0] = 2
0.04
AVG [1:0] = 1
0.03
AVG [1:0] = 0
0.02
Ts
Temperature sensitivity
-
0.01
-
°C/LSB
-
100
-
LSB/°C
Tacc
Temperature accuracy
-10 to 60 °C
-0.5
±0.25
0.5
°C
-40 to 125 °C
-1.0
±0.7
1.0
ODR
Temperature digital output data rate
LOW_ODR_START = 1,
FREERUN = 0,
AVG[1:0] = don’t care
1
Hz
LOW_ODR_START = 0,
FREERUN = 1,
AVG[1:0] = 0
25
LOW_ODR_START = 0,
FREERUN = 1,
AVG[1:0] = 1
50
LOW_ODR_START = 0,
FREERUN = 1,
AVG[1:0] = 2
100
LOW_ODR_START = 0,
FREERUN = 1,
AVG[1:0] = 3
200
1. Typical specifications are not guaranteed.
STTS22H
Sensor parameters and electrical specifications
DS12606 - Rev 4
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com