Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 12Page - STMicroelectronics STTS22H Datasheet HTML 13Page - STMicroelectronics STTS22H Datasheet HTML 14Page - STMicroelectronics STTS22H Datasheet HTML 15Page - STMicroelectronics STTS22H Datasheet HTML 16Page - STMicroelectronics STTS22H Datasheet HTML 17Page - STMicroelectronics STTS22H Datasheet HTML 18Page - STMicroelectronics STTS22H Datasheet HTML 19Page - STMicroelectronics STTS22H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
7
Interrupt
There are two interrupt thresholds, 8 bits in size. If threshold registers 02h and 03h are zero, the high and low
interrupts are disabled respectively.
The threshold ranges are from -39.68 °C to 122.88 °C with a step of 0.64 °C for each threshold. The value of both
thresholds is calculated as follows:
Threshold = (temp_limit_reg -63) *0.64°C
Table 14. Threshold ranges of the interrupt registers
Register
Description
Threshold range
TEMP_H_LIMIT
Unsigned value, the high temperature limit is internally decoded as
(TEMP_H_LIMIT-63)*0.64°C. Writing 0 disables the high limit interrupt.
-39.68 °C : 122.88 °C
Step 0.64°C/LSB
TEMP_L_LIMIT
Unsigned value, the low temperature limit is internally decoded as
(TEMP_L_LIMIT-63)*0.64°C. Writing 0 disables the low limit interrupt.
-39.68 °C : 122.88 °C
Step 0.64°C/LSB
TEMP_H_LIMIT
TEMP_L_LIMIT
Internal decoded threshold
255
Threshold set to 122.88 °C
...
...
63
Threshold set to 0 °C
...
...
1
Threshold set to -39.68 °C
0
Threshold disabled
STTS22H
Interrupt
DS12606 - Rev 4
page 16/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com