Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 25 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 21Page - STMicroelectronics STTS22H Datasheet HTML 22Page - STMicroelectronics STTS22H Datasheet HTML 23Page - STMicroelectronics STTS22H Datasheet HTML 24Page - STMicroelectronics STTS22H Datasheet HTML 25Page - STMicroelectronics STTS22H Datasheet HTML 26Page - STMicroelectronics STTS22H Datasheet HTML 27Page - STMicroelectronics STTS22H Datasheet HTML 28Page - STMicroelectronics STTS22H Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Contents
1
Overview ..........................................................................3
2
Pin description ....................................................................4
3
Sensor parameters and electrical specifications....................................5
3.1
Temperature accuracy specifications .............................................. 6
4
Absolute maximum ratings ........................................................7
5
Digital interfaces ..................................................................8
5.1
SMBus interface ............................................................... 8
5.1.1
SMBus protocol.......................................................... 8
5.1.2
WRITE byte ............................................................ 8
5.1.3
READ byte ............................................................. 9
5.1.4
SEND byte ............................................................. 9
5.1.5
RECEIVE byte .......................................................... 9
5.1.6
SMBus timeout .......................................................... 9
5.1.7
Alert response address .................................................... 9
5.2
I²C interface .................................................................. 10
5.2.1
I²C protocol ............................................................ 11
5.2.2
I²C read and write sequences .............................................. 12
6
Register description ..............................................................13
6.1
WHOAMI (01h) - RO........................................................... 13
6.2
TEMP_H_LIMIT (02h) - RW..................................................... 13
6.3
TEMP_L_LIMIT (03h) - RW ..................................................... 13
6.4
CTRL (04h) - RW ............................................................. 14
6.5
STATUS (05h) - RO ........................................................... 14
6.6
TEMP_L_OUT (06h) - RO ...................................................... 15
6.7
TEMP_H_OUT (07h) - RO ...................................................... 15
6.8
SOFTWARE_RESET (0Ch) - RW ................................................ 15
7
Interrupt ..........................................................................16
8
ALERT / INT output ...............................................................17
9
Operating modes .................................................................18
STTS22H
Contents
DS12606 - Rev 4
page 25/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com