Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 1 Page - STMicroelectronics

  STTS22H Datasheet HTML 1Page - STMicroelectronics STTS22H Datasheet HTML 2Page - STMicroelectronics STTS22H Datasheet HTML 3Page - STMicroelectronics STTS22H Datasheet HTML 4Page - STMicroelectronics STTS22H Datasheet HTML 5Page - STMicroelectronics STTS22H Datasheet HTML 6Page - STMicroelectronics STTS22H Datasheet HTML 7Page - STMicroelectronics STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
Key features
Integrated high-accuracy temperature sensor
Factory calibrated
One-shot mode for power saving
Electrical specifications
Supply voltage: 1.5 to 3.6 V
I²C, SMBus 3.0 with ALERT (ARA) support
Programmable thresholds with interrupt pin
Supports up to 1 MHz serial clock
Up to 2 I²C/SMBus slave addresses
Ultra-low current: 1.75 µA in one-shot mode
Sensing specifications
Operating temperature -40 °C to +125 °C
Temperature accuracy (max.):
± 0.5 °C (-10 °C to +60 °C)
16-bit temperature data output
Package specifications
UDFN 2.0 x 2.0 x 0.50 mm, 6 leads with exposed pad down
ECOPACK, RoHS and “Green” compliant
Applications
Wearable devices
Smart home automation
Asset and goods tracking
Smartphones
HVAC
Refrigerators
Air humidifiers
Portable consumer devices
White goods
Thermostats
Product status link
STTS22H
Product summary
Order code
STTS22HTR
STTS22H
Temp. range
[°C]
-40 to +125
Package
UDFN-6L
Packing
Tape and reel
Tray
Product labels
Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
STTS22H
Datasheet
DS12606 - Rev 4 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTS22H

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STTS2 APEX-ELECTRONICS-STTS2 Datasheet
395Kb / 3P
Miniature Toggle switches
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
770Kb / 52P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
21-Mar-2011
STTS2002B2DN3E STMICROELECTRONICS-STTS2002B2DN3E Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
STTS2002B2DN3F STMICROELECTRONICS-STTS2002B2DN3F Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
More results

Similar Description - STTS22H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
logo
NXP Semiconductors
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Analog Devices
MAX30210 AD-MAX30210 Datasheet
619Kb / 48P
±0.1°C Accurate, Ultra-Small, Low-Power I2C Digital Temperature Sensor
19-101474; Rev 0; 12/22
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
NXP Semiconductors
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com