Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 18 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 14Page - STMicroelectronics STTS22H Datasheet HTML 15Page - STMicroelectronics STTS22H Datasheet HTML 16Page - STMicroelectronics STTS22H Datasheet HTML 17Page - STMicroelectronics STTS22H Datasheet HTML 18Page - STMicroelectronics STTS22H Datasheet HTML 19Page - STMicroelectronics STTS22H Datasheet HTML 20Page - STMicroelectronics STTS22H Datasheet HTML 21Page - STMicroelectronics STTS22H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
9
Operating modes
There are three different operating modes: freerun, one-shot and low ODR.
One-shot mode: (default) The measurement chain is switched on when the ONE_SHOT bit (bit 0 of the CTRL
register) is set to '1'. When the temperature measurement is completed, the device is put in power-down
condition. One-shot mode is available for measuring trigger frequencies up to 1 Hz.
Freerun mode: The measurement chain is always on. The results of temperature data measurements are
updated in the output registers at each conversion. Output registers are refreshed @ODR (25 Hz, 50 Hz, 100 Hz
and 200 Hz). This operating mode is active when the FREERUN bit of the CTRL register is set to logic value ‘1’.
Low-ODR mode: Temperature data are measured @ ODR = 1 Hz. This operating mode is active when the
LOW_ODR_START bit of the CTRL register is set to logic value ‘1’.
Before changing the operating mode or ODR frequency, the user has to power down the device by writing '0' to
both the FREERUN and LOW_ODR_START bits.
Table 15. Operating modes
FREERUN LOW_ODR_START
Operating mode
1
0
Freerun mode:
- Chain is always ON
- Measuremenats are available @ ODR = 25 Hz, 50 Hz, 100 Hz, 200 Hz
0
0
One-shot mode (default):
- User must ask for a conversion using the ONE_SHOT bit, then the measurement chain is
shut down once the conversion ends.
0
1
Low-ODR mode:
- Data are available @ ODR = 1 Hz
9.1
Enable sequence for one-shot mode
The following sequence must be used for each acquisition in one-shot mode:
1.
Write 02h to register 0Ch [software reset]
2.
Write 00h to register 0Ch [software reset]
3.
Set the ONE_SHOT bit in the CTRL (04h) register [send one-shot command]
Note: After device power-on, wait at least 12 ms before accessing the register interface.
Figure 6. One-shot mode enable sequence
command
Conversion
Readout
Conversion
Readout
Device in
power-down
Device in
power-down
Device in
power-down
Soft
Reset
Soft
Reset
Reset procedure is required before each
one-shot command
One-shot
command
One-shot
STTS22H
Operating modes
DS12606 - Rev 4
page 18/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com