Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 13 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 9Page - STMicroelectronics STTS22H Datasheet HTML 10Page - STMicroelectronics STTS22H Datasheet HTML 11Page - STMicroelectronics STTS22H Datasheet HTML 12Page - STMicroelectronics STTS22H Datasheet HTML 13Page - STMicroelectronics STTS22H Datasheet HTML 14Page - STMicroelectronics STTS22H Datasheet HTML 15Page - STMicroelectronics STTS22H Datasheet HTML 16Page - STMicroelectronics STTS22H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
6
Register description
Table 12. Register map
Addr Type(1)
Name
7
6
5
4
3
2
1
0
Default
0x01
RO
WHOAMI
whoami7
whoami6
whoami5 whoami4 whoami3
whoami2
whoami1
whoami0
A0h
0x02
RW
TEMP_H_LIMIT
THL7
THL6
THL5
THL4
THL3
THL2
THL1
THL0
00h
0x03
RW
TEMP_L_LIMIT
TLL7
TLL6
TLL5
TLL4
TLL3
TLL2
TLL1
TLL0
00h
0x04
RW
CTRL
LOW_ODR
_START
BDU
AVG1
AVG0
IF_ADD
_INC
FREERUN
TIME_OUT
_DIS
ONE_
SHOT
00h
0x05
RO
STATUS
0
0
0
0
0
UNDER_THL OVER_THH
BUSY
output
0x06
RO
TEMP_L_OUT
T7
T6
T5
T4
T3
T2
T1
T0
output
0x07
RO
TEMP_H_OUT
T15
T14
T13
T12
T11
T10
T9
T8
output
0x0C
RW
SOFTWARE
_RESET
-
LOW_ODR
_ENABLE
-
-
-
-
SW_
RESET
-
00h
1. RW designates a read/write register. RO designates a read-only register
6.1
WHOAMI (01h) - RO
7
6
5
4
3
2
1
0
whoami7
whoami6
whoami5
whoami4
whoami3
whoami2
whoami1
whoami0
6.2
TEMP_H_LIMIT (02h) - RW
7
6
5
4
3
2
1
0
THL7
THL6
THL5
THL4
THL3
THL2
THL1
THL0
This register is used to store the unsigned value of the input for the high threshold decoder:
Threshold = (TEMP_H_LIMIT - 63)*0.64°C
If the register value is set to 00h, then the high interrupt is disabled. See Section 7 Interrupt.
6.3
TEMP_L_LIMIT (03h) - RW
7
6
5
4
3
2
1
0
TLL7
TLL6
TLL5
TLL4
TLL3
TLL2
TLL1
TLL0
This register is used to store the unsigned value of the input for the low threshold decoder:
Threshold = (TEMP_L_LIMIT - 63)*0.64°C
If the register value is set to 00h, then the low interrupt is disabled. See Section 7 Interrupt.
STTS22H
Register description
DS12606 - Rev 4
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com