Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 2 Page - STMicroelectronics

  STTS22H Datasheet HTML 1Page - STMicroelectronics STTS22H Datasheet HTML 2Page - STMicroelectronics STTS22H Datasheet HTML 3Page - STMicroelectronics STTS22H Datasheet HTML 4Page - STMicroelectronics STTS22H Datasheet HTML 5Page - STMicroelectronics STTS22H Datasheet HTML 6Page - STMicroelectronics STTS22H Datasheet HTML 7Page - STMicroelectronics STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Description
The STTS22H is an ultra-low-power, high accuracy, digital temperature sensor
offering high performance over the entire operating temperature range.
The STTS22H is a band gap temperature sensor coupled with an A/D converter,
signal processing logic and an I²C/SMBus 3.0 interface all in a single ASIC.
This sensor is housed in a small 2 x 2 x 0.50 mm 6-lead UDFN package with
exposed pad down for a better temperature match with the surrounding environment.
The STTS22H is factory calibrated and requires no additional calibration efforts on
the customer side.
STTS22H
DS12606 - Rev 4
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com