Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 10Page - STMicroelectronics STTS22H Datasheet HTML 11Page - STMicroelectronics STTS22H Datasheet HTML 12Page - STMicroelectronics STTS22H Datasheet HTML 13Page - STMicroelectronics STTS22H Datasheet HTML 14Page - STMicroelectronics STTS22H Datasheet HTML 15Page - STMicroelectronics STTS22H Datasheet HTML 16Page - STMicroelectronics STTS22H Datasheet HTML 17Page - STMicroelectronics STTS22H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
6.4
CTRL (04h) - RW
7
6
5
4
3
2
1
0
LOW_ODR
START
BDU
AVG1
AVG0
IF_ADD_INC
FREERUN
TIME_OUT_
DIS
ONE_SHOT
LOW_ODR_START
Enables 1 Hz ODR operating mode.
This bit must be set to ‘1’ only when the LOW_ODR_ENABLE bit in SOFTWARE_RESET (0Ch) - RW is
set to '1' (refer to Section 9.3 Enable sequence for low-ODR mode).
BDU
Default is set to 0 for BDU disabled; 1 for BDU enabled (if BDU is used, TEMP_L_OUT must be read
first).
AVG[1:0]
These bits are used to set the number of averages configuration. When in freerun mode, these bits also
set the ODR (see Table 13. Average configuration).
IF_ADD_INC
If this bit is set to '1', the automatic address increment is enabled when multiple I²C read and write
transactions are used.
FREERUN
Enables freerun mode (see Section 9.2 Enable sequence for freerun mode).
TIME_OUT_DIS
If this bit is set to ‘1’, the timeout function of SMBus is disabled.
ONE_SHOT
If this bit is set to 1, a new one-shot temperature acquisition is executed (see Section 9.1 Enable
sequence for one-shot mode).
Table 13. Average configuration
AVG
# means
ODR when in freerun
0
8
25 Hz
1
4
50 Hz
2
2
100 Hz
3
1
200 Hz
6.5
STATUS (05h) - RO
7
6
5
4
3
2
1
0
0
0
0
0
0
UNDER_THL
OVER_THH
BUSY
UNDER_THL
0: Low limit temperature not exceeded (or disabled).
1: Low limit temperature exceeded.
The bit is automatically reset to ‘0’ upon reading the STATUS register.
OVER_THH
0: High limit temperature not exceeded (or disabled).
1: High limit temperature exceeded. The bit is automatically reset to ‘0’ upon reading the STATUS register.
BUSY
The BUSY bit is applicable to one-shot mode only :
0: The conversion is complete.
1: The conversion is in progress.
STTS22H
CTRL (04h) - RW
DS12606 - Rev 4
page 14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com