Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics STTS22H Datasheet HTML 10Page - STMicroelectronics STTS22H Datasheet HTML 11Page - STMicroelectronics STTS22H Datasheet HTML 12Page - STMicroelectronics STTS22H Datasheet HTML 13Page - STMicroelectronics STTS22H Datasheet HTML 14Page - STMicroelectronics STTS22H Datasheet HTML 15Page - STMicroelectronics STTS22H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
5.2.2
I²C read and write sequences
The previous sequences are used to implement actual write and read sequences described in the tables below.
Transfer when the master is writing one byte to slave:
Master
ST
SAD+W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Transfer when master is writing multiple bytes to slave:
Master
ST
SAD+W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Transfer when master is receiving (reading) one byte of data from slave:
Master
ST
SAD+W
SUB
SR
SAD+R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Transfer when master is receiving (reading) multiple bytes of data from slave:
Master
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
Data are transmitted in byte format. Each data transfer contains 8 bits. The number of bytes transferred per
transfer is unlimited. Data is transferred with the Most Significant Bit (MSB) first. If a receiver can’t receive another
complete byte of data until it has performed some other function, it can hold the clock line, SCL LOW to force the
transmitter into a wait state. Data transfer only continues when the receiver is ready for another byte and releases
the data line. If a slave receiver doesn’t acknowledge the slave address (i.e. it is not able to receive because it is
performing some real-time function) the data line must be left HIGH by the slave. The Master can then abort the
transfer. A LOW to HIGH transition on the SDA line while the SCL line is HIGH is defined as a STOP condition
(SP). Each data transfer must be terminated by the generation of a STOP condition.
STTS22H
I²C interface
DS12606 - Rev 4
page 12/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com