Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTS22H Datasheet HTML 4Page - STMicroelectronics STTS22H Datasheet HTML 5Page - STMicroelectronics STTS22H Datasheet HTML 6Page - STMicroelectronics STTS22H Datasheet HTML 7Page - STMicroelectronics STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics STTS22H Datasheet HTML 10Page - STMicroelectronics STTS22H Datasheet HTML 11Page - STMicroelectronics STTS22H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
5
Digital interfaces
The STTS22H communicates over a 2-wire serial interface compatible with the SMBus 3.0 standard and I²C
standard.
5.1
SMBus interface
5.1.1
SMBus protocol
The STTS22H communicates over a 2-wire serial interface compatible with the SMBus standard. Temperature
data, alarm limits and configuration information are communicated over the bus. A detailed timing diagram is
shown below in following figure.
Figure 3. SMBus timing diagram
P
S
P
S - start condition
P - stop condition
TBUF
THD; STA
TLOW
TR
THIGH
THD; STA
TF
TSU:STO
TSU:STA
TSU:DAT
THD:DAT
S
SMCLK
SMDATA
The STTS22H supports standard SMBus 3.0 protocols (see corresponding tables in the following sections).
WRITE byte
READ byte
SEND byte
RECEIVE byte
Alert response address
5.1.2
WRITE byte
The WRITE byte protocol is used to write one byte of data to the registers as shown in the following table. ACK
data are sent by the STTS22H while all other data are sent by the host.
Table 6. SMBus WRITE protocol
Start
Slave
address
WR
ACK
Register
address
ACK
data
ACK
stop
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
STTS22H
Digital interfaces
DS12606 - Rev 4
page 8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com