Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS22H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTS22H
Description  Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS22H Datasheet(HTML) 4 Page - STMicroelectronics

  STTS22H Datasheet HTML 1Page - STMicroelectronics STTS22H Datasheet HTML 2Page - STMicroelectronics STTS22H Datasheet HTML 3Page - STMicroelectronics STTS22H Datasheet HTML 4Page - STMicroelectronics STTS22H Datasheet HTML 5Page - STMicroelectronics STTS22H Datasheet HTML 6Page - STMicroelectronics STTS22H Datasheet HTML 7Page - STMicroelectronics STTS22H Datasheet HTML 8Page - STMicroelectronics STTS22H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2
Pin description
Figure 1. Pin configuration
SDA
VDD
GND
SCL
1
2
3
6
5
4
ALERT / INT
Addr
Table 1. Pin description
Pin number
Name
Function
1
SCL
SMBus/I²C serial interface clock
2
ALERT / INT Open-drain interrupt output. The output supports the SMBus Alert (ARA).
3
VDD
Power supply VDD
4
Addr
SMBus/I²C address selection. The pin at power-up determines the SMBus slave address
according to the connection shown in Table 2.
5
GND
0 V supply
6
SDA
SMBus/I²C serial data line
Table 2. STTS22H address definition
Addr pin connection
SMBus slave address
VDD
0111 000 (0x70 Write, 0x71 Read)
GND
0111 111 (0x7E Write, 0x7F Read)
STTS22H
Pin description
DS12606 - Rev 4
page 4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com