Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 22Page - Analog Devices LTC7802EUFDM Datasheet HTML 23Page - Analog Devices LTC7802EUFDM Datasheet HTML 24Page - Analog Devices LTC7802EUFDM Datasheet HTML 25Page - Analog Devices LTC7802EUFDM Datasheet HTML 26Page - Analog Devices LTC7802EUFDM Datasheet HTML 27Page - Analog Devices LTC7802EUFDM Datasheet HTML 28Page - Analog Devices LTC7802EUFDM Datasheet HTML 29Page - Analog Devices LTC7802EUFDM Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC7802
26
Rev. 0
For more information www.analog.com
from the step change in output current may not be within
the bandwidth of the feedback loop, so this signal can-
not be used to determine phase margin. This is why it is
better to look at the ITH pin signal which is in the feed-
back loop and is the filtered and compensated control
loop response. The gain of the loop will be increased
by increasing RC and the bandwidth of the loop will be
increased by decreasing CC. If RC is increased by the same
factor that CC is decreased, the zero frequency will be kept
the same, thereby keeping the phase shift the same in the
most critical frequency range of the feedback loop. The
output voltage settling behavior is related to the stability
of the closed-loop system and will demonstrate the actual
overall supply performance.
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than 1:50, the switch rise time
should be controlled so that the load rise time is limited
to approximately CLOAD • 25μs/μF. Thus a 10μF capacitor
would require a 250μs rise time, limiting the charging
current to about 200mA.
Design Example
As a design example, assume VIN(NOMINAL) = 12V, VIN(MAX)
= 22V, VOUT = 3.3V, IOUT = 20A, and fSW = 1MHz.
1. Set the operating frequency. The frequency is not one
of the internal preset values, so a resistor from the
FREQ pin to GND is required, with a value of:
RFREQ(inkΩ)=
37MHz
1MHz
– 37k
Ω
2. Determine the inductor value. Initially select a value
based on an inductor ripple current of 30%. The
inductor value can then be calculated from the follow-
ing equation:
L
=
VOUT
fSW ΔIL
( )
1–
VOUT
VIN(NOM)
⎛
⎝
⎜
⎞
⎠
⎟ = 0.4µH
The highest value of ripple current occurs at the maxi-
mum input voltage. In this case the ripple at VIN = 22V
is 35%
3. Verify that the minimum on-time of 40ns is not vio-
lated. The minimum on-time occurs at VIN(MAX):
tON(MIN) =
VOUT
VIN(MAX)(fSW)
= 150ns
This is more than sufficient to satisfy the minimum on
time requirement. If the minimum on time is violated,
the LTC7802 skips pulses at high input voltage, result-
ing in lower frequency operation and higher inductor
current ripple than desired. If undesirable, this behav-
ior can be avoided by decreasing the frequency (with
the inductor value accordingly adjusted) to avoid oper-
ation near the minimum on-time.
4. Select the RSENSE resistor value. The peak inductor
current is the maximum DC output current plus half of
the inductor ripple current. Or 20A • (1+0.30/2) = 23A
in this case. The RSENSE resistor value can then be cal-
culated based on the minimum value for the maximum
current sense threshold (45mV):
RSENSE ≤
45mV
23A
≅ 2mΩ
To allow for additional margin, a lower value RSENSE
may be used (for example, 1.8mΩ); however, be sure
that the inductor saturation current has sufficient mar-
gin above VSENSE(MAX)/RSENSE, where the maximum
value of 55mV is used for VSENSE(MAX).
For this low inductor value and high current applica-
tion, an RC filter into the sense pins should be used
to compensate for the parasitic inductance (ESL) of
the sense resistor. Assuming an RSENSE geometry
of 1225 with a parasitic inductance of 0.2nH, the RC
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com