Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 5 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 5 Page - Analog Devices

  LTC7802EUFDM Datasheet HTML 1Page - Analog Devices LTC7802EUFDM Datasheet HTML 2Page - Analog Devices LTC7802EUFDM Datasheet HTML 3Page - Analog Devices LTC7802EUFDM Datasheet HTML 4Page - Analog Devices LTC7802EUFDM Datasheet HTML 5Page - Analog Devices LTC7802EUFDM Datasheet HTML 6Page - Analog Devices LTC7802EUFDM Datasheet HTML 7Page - Analog Devices LTC7802EUFDM Datasheet HTML 8Page - Analog Devices LTC7802EUFDM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC7802
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7802 is tested under pulsed load conditions such that TJ ≈
TA. The LTC7802E is guaranteed to meet specifications from 0°C to 85°C
junction temperature. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC7802I is guaranteed
over the –40°C to 125°C operating junction temperature range, and the
LTC7802J/LTC7802H are guaranteed over the –40°C to 150°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent
with these specifications is determined by specific operating conditions
in conjunction with board layout, the rated package thermal impedance
and other environmental factors. The junction temperature (TJ, in °C) is
calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in Watts) according to the formula: TJ = TA + (PD • θJA), where θJA (in
°C/W) is the package thermal impedance.
Note 3: When SENSE1– ≥ 3.2V or EXTVCC ≥ 4.8V, VIN supply current
is transferred to these pins to reduce the total input supply quiescent
current. SENSE1– bias current is reflected to the channel 1 input supply by
the formula IVIN1 = ISENSE1– • VOUT1/(VIN1 • η), where η is the efficiency.
EXTVCC bias current is similarly reflected to the input supply when biased
by an output. To minimize input supply current, select channel 1 to be the
lowest output voltage greater than 3.2V and connect EXTVCC to the lowest
output voltage greater than 4.8V
Note 4: The LTC7802 is tested in a feedback loop that servos VITH1,2 to a
specified voltage and measures the resultant VFB1,2. The specification at
85°C is not tested in production and is assured by design, characterization
and correlation to production testing at other temperatures (125°C for the
LTC7802E/LTC7802I, 150°C for the LTC7802J/LTC7802H).
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current >40% of IL(MAX) (See Minimum On-Time
Considerations in the Applications Information section).
Note 8: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 9: Do not apply a voltage or current source to these pins. They must
be connected to capacitive loads only, otherwise permanent damage
may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com