Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 14 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 10Page - Analog Devices LTC7802EUFDM Datasheet HTML 11Page - Analog Devices LTC7802EUFDM Datasheet HTML 12Page - Analog Devices LTC7802EUFDM Datasheet HTML 13Page - Analog Devices LTC7802EUFDM Datasheet HTML 14Page - Analog Devices LTC7802EUFDM Datasheet HTML 15Page - Analog Devices LTC7802EUFDM Datasheet HTML 16Page - Analog Devices LTC7802EUFDM Datasheet HTML 17Page - Analog Devices LTC7802EUFDM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC7802
14
Rev. 0
For more information www.analog.com
The Typical Application on the first page is a basic
LTC7802 application circuit. External component selection
is largely driven by the load requirement and begins with
the selection of the inductor, current sense components,
operating frequency, and light load operating mode. The
remaining power stage components, consisting of the
input and output capacitors, and power MOSFETs can
then be chosen. Next, feedback resistors are selected
to set the desired output voltage. Then, the remaining
external components are selected, such as for soft-start,
biasing, and loop compensation.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because
of MOSFET switching and gate charge losses. In addi-
tion to this basic trade-off, the effect of inductor value
on ripple current and low current operation must also
be considered. The inductor value has a direct effect on
ripple current.
The maximum average inductor current IL(MAX) is equal
to the maximum output current. The peak current is equal
to the average inductor current plus half of the inductor
ripple current, ΔIL, which decreases with higher induc-
tance or higher frequency and increases with higher VIN:
ΔIL =
1
(f)(L)
VOUT 1−
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
Accepting larger values of ΔIL allows the use of low induc-
tances, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting
ripple current is ΔIL = 0.3 • IL(MAX). The maximum ΔIL
occurs at the maximum input voltage.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency
in the upper range of low current operation.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency regulators generally can-
not afford the core loss found in low cost powdered
iron cores, forcing the use of more expensive ferrite or
molypermalloy cores. Actual core loss is very dependent
on inductance value selected. As inductance increases,
core losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core loss and are preferred
for high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates hard, which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Current Sense Selection
The LTC7802 can be configured to use either DCR (induc-
tor resistance) sensing or low value resistor sensing.
The choice between the two current sensing schemes
is largely a design trade-off between cost, power con-
sumption and accuracy. DCR sensing has become popular
because it saves expensive current sensing resistors and
is more power efficient, particularly in higher current and
lower frequency applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement and begins with the selection of
RSENSE (if RSENSE is used) and inductor value.
The SENSE+ and SENSE– pins are the inputs to the current
comparators. The common mode voltage range on these
pins is 0V to 40V (absolute maximum), enabling the
LTC7802 to regulate output voltages up to a maximum
of 40V. The SENSE+ pin is high impedance, drawing
less than ≈1μA. This high impedance allows the current
comparators to be used in inductor DCR sensing. The
impedance of the SENSE– pin changes depending on the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com