Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7802EUFDM Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7802EUFDM
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802EUFDM Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7802EUFDM Datasheet HTML 19Page - Analog Devices LTC7802EUFDM Datasheet HTML 20Page - Analog Devices LTC7802EUFDM Datasheet HTML 21Page - Analog Devices LTC7802EUFDM Datasheet HTML 22Page - Analog Devices LTC7802EUFDM Datasheet HTML 23Page - Analog Devices LTC7802EUFDM Datasheet HTML 24Page - Analog Devices LTC7802EUFDM Datasheet HTML 25Page - Analog Devices LTC7802EUFDM Datasheet HTML 26Page - Analog Devices LTC7802EUFDM Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC7802
23
Rev. 0
For more information www.analog.com
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the BOOST
pins supply the gate drive voltages for the topside MOSFETs.
Capacitor CB in the Functional Diagram is charged though
external diode DB from INTVCC when the SW pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate-source of the
desired MOSFET. This enhances the MOSFET and turns on
the topside switch. The switch node voltage, SW, rises to
VIN and the BOOST pin follows. With the topside MOSFET
on, the boost voltage is above the input supply: VBOOST =
VIN + VINTVCC. The value of the boost capacitor CB needs
to be 100 times that of the total input capacitance of the
topside MOSFET(s). For a typical application, a value of
CB = 0.1μF is generally sufficient.
The external diode DB can be a Schottky diode or sili-
con diode, but in either case it should have low leakage
and fast recovery. The reverse breakdown of the diode
must be greater than VIN(MAX). Pay close attention to the
reverse leakage at high temperatures where it generally
increases substantially.
A leaky diode not only increases the quiescent current
of the regulator, but it can create current path from the
BOOST pin to INTVCC. This will cause INTVCC to rise if
the diode leakage exceeds the current consumption on
INTVCC, which is primarily a concern in Burst Mode oper-
ation where the load on INTVCC can be very small. There
is an internal voltage clamp on INTVCC that prevents the
INTVCC voltage from running away, but this clamp should
be regarded as a failsafe only.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC7802 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the MOSFET. Low duty cycle
applications may approach this minimum on time limit
and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN • fOSC
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to
skip cycles. The output voltage will continue to be reg-
ulated, but the ripple voltage and current will increase.
The minimum on-time for the LTC7802 is approximately
40ns. However, as the peak sense voltage decreases the
minimum on-time for gradually increases up to about
60ns. This is of particular concern in forced continuous
applications with low ripple current at light loads. If the
duty cycle drops below the minimum on-time limit in this
situation, a significant amount of cycle skipping can occur
with correspondingly larger current and voltage ripple.
Fault Conditions: Current Limit and Foldback
The LTC7802 includes current foldback to reduce the load
current when the output is shorted to ground. If the output
voltage falls below 50% of its regulation point, then the
maximum sense voltage is progressively lowered from
100% to 40% of its maximum value. Under short-circuit
conditions with very low duty cycles, the LTC7802 will
begin cycle skipping to limit the short circuit current. In
this situation the bottom MOSFET dissipates most of the
power but less than in normal operation. The short-circuit
ripple current is determined by the minimum on-time,
tON(MIN) ≈ 40ns, the input voltage and inductor value:
ΔIL(SC) = tON(MIN) • VIN/L
The resulting average short-circuit current is:
ISC = 40% • ILIM(MAX) − ΔIL(SC)/2
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
much higher than nominal levels. The crowbar causes
huge currents to flow that blow the fuse to protect against
a shorted top MOSFET if the short occurs while the con-
troller is operating.
If an output voltage rises 10% above the set regulation
point, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared. The bottom MOSFET remains on continuously
for as long as the overvoltage condition persists; if VOUT
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com